Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8496 Datasheet HTML 1Page - National Semiconductor (TI) DP8496 Datasheet HTML 2Page - National Semiconductor (TI) DP8496 Datasheet HTML 3Page - National Semiconductor (TI) DP8496 Datasheet HTML 4Page - National Semiconductor (TI) DP8496 Datasheet HTML 5Page - National Semiconductor (TI) DP8496 Datasheet HTML 6Page - National Semiconductor (TI) DP8496 Datasheet HTML 7Page - National Semiconductor (TI) DP8496 Datasheet HTML 8Page - National Semiconductor (TI) DP8496 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
TLF11212
PRELIMINARY
December 1991
DP8496DP8497
SCSI-2 Disk Data Controller
General Description
The DP84967 is a highly integrated high-performance
CMOS SCSI disk data controller It is designed for use in-
side intelligent hard disk drives that utilize the Small Com-
puter System Interface (SCSI) standard It can also be used
in ESDI SMD and ST506 bridging controller applications
The DP84967 includes most of the data path functions
needed to implement a complete hard disk controller It in-
cludes a full featured SCSI Bus Controller Buffer Memory
Interface with pipelined pointers fast Disk Data Controller
and a Processor Interface
With the addition of National Semiconductor read-channel
chips such as a PLL Synchronizer and EncoderDecoder a
pulse detector and a head amplifier complete data-path
electronics of a SCSI drive can be implemented A micro-
controller such as National’s HPCTM may be used to man-
age the SCSI commands and the drive specific control sig-
nals The high level of intelligence implemented on the
DP84967 means lower overhead for the disk-drive’s em-
bedded microcontroller making possible a high-perform-
ance design employing only one micro-controller
The DP8496 provides on-chip single-ended transceivers for
driving the SCSI bus The DP8497 provides all control sig-
nals necessary for direct interfacing with differential trans-
ceivers recommended for Fast SCSI option of SCSI-2
Features
Y
High disk data rates
DP84967-33
33 Mbitsec
DP84967-50
50 Mbitsec
Y
Synchronous SCSI-2 transfer rates up to 10 MBytesec
with offset up to 16 (Fast option)
Y
Asynchronous SCSI transfer rates up to 5 MBytesec
Y
Support for Fast Page Mode and Static Column De-
code type DRAMs
Y
Attains sustained buffer bandwidths above 9 MBytesec
with byte-wide memory configuration
Y
Word-wide buffer memory port allows sustained band-
widths of 17 MBytesec
Y
Buffer memory up to 4 MBytes DRAM or 1 MByte
SRAM
Y
On-chip DMA with buffered pointer addresses
Y
Multi-phase type SCSI commands
Y
Parity error checking on SCSI buffer memory and all
internal data paths
Y
Programmable format and sectoring modes including
soft pseudo-hard and hard
Y
32 48 or 56-bit computer generated ECC with on-chip
correction
Y
On-chip single-ended transceivers on DP8496 DP8497
interfaces directly with differential transceivers for Fast
SCSI
Y
Available in 100-pin PQFP package
System Diagram
TLF11212 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
HPCTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP8496

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP84902 NSC-DP84902 Datasheet
209Kb / 16P
1,7 Encoder/Decoder Circuit
DP84902M NSC-DP84902M Datasheet
209Kb / 16P
1,7 Encoder/Decoder Circuit
DP84902MS NSC-DP84902MS Datasheet
209Kb / 16P
1,7 Encoder/Decoder Circuit
DP84910 NSC-DP84910 Datasheet
377Kb / 32P
Integrated Read Channel
logo
Texas Instruments
DP84910 TI1-DP84910 Datasheet
629Kb / 34P
DP84910 DP84910-36 DP84910-50 Integrated Read Channel
More results

Similar Description - DP8496

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM53CF94 AMD-AM53CF94 Datasheet
735Kb / 76P
Enhanced SCSI-2 Controller (ESC)
logo
National Semiconductor ...
DP8473 NSC-DP8473 Datasheet
357Kb / 28P
DP8473 Floppy Disk Controller PLUS-2
logo
STMicroelectronics
AIC-43C97 STMICROELECTRONICS-AIC-43C97 Datasheet
146Kb / 5P
Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
Rev. 1
logo
Advanced Micro Devices
AM95C96 AMD-AM95C96 Datasheet
274Kb / 6P
Optical Disk Controller
logo
List of Unclassifed Man...
OTI-6828 ETC1-OTI-6828 Datasheet
371Kb / 7P
FLASH DISK CONTROLLER
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
ULTRA2 SCSI CONTROLLER
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
ULTRA160 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
SCSI Interface Controller
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
SCSI Bus Controller
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com