Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 68Page - National Semiconductor (TI) DP8496 Datasheet HTML 69Page - National Semiconductor (TI) DP8496 Datasheet HTML 70Page - National Semiconductor (TI) DP8496 Datasheet HTML 71Page - National Semiconductor (TI) DP8496 Datasheet HTML 72Page - National Semiconductor (TI) DP8496 Datasheet HTML 73Page - National Semiconductor (TI) DP8496 Datasheet HTML 74Page - National Semiconductor (TI) DP8496 Datasheet HTML 75Page - National Semiconductor (TI) DP8496 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
70 AC Specifications (Continued)
76 REGISTER READ
(ZilogMotorola Mode)
TLF11212 – 40
ID
Symbol
Parameter
Min
Max
Units
61
aswi
Address Strobe Width
20
ns
62
asdv
Address Strobe to Data Valid
120
ns
63
asas
Address Setup to Address Strobe
9
ns
64
ahas
Address Hold from Address Strobe
10
ns
65
asds
Address Strobe to Data Strobe
20
ns
66
dvds
Data Valid from Data Strobe
50
ns
67
dswi
Data Strobe Width
50
ns
68
dhds
Data Hold from Data Strobe
20
30
ns
69
rwas
RW Strobe to Address Strobe
30
ns
610
dsrw
Data Strobe to RW
30
ns
77 REGISTER WRITE
(ZilogMotorola Mode)
TLF11212 – 41
ID
Symbol
Parameter
Min
Max
Units
71
aswi
Address Strobe Width
20
ns
72
asds
Address Strobe to Write Strobe
20
ns
73
asas
Address Setup to Address Strobe
9
ns
74
ahas
Address Hold from Address Strobe
10
ns
75
dvds
Data Valid to WR Strobe
100
ns
76
dhds
Data Hold from WR Strobe
10
ns
77
dswi
WR Strobe Width
100
ns
78
rwds
RW Strobe to Data Strobe
10
ns
79
dsrw
Data Strobe to RW Strobe
10
ns
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com