Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 58Page - National Semiconductor (TI) DP8496 Datasheet HTML 59Page - National Semiconductor (TI) DP8496 Datasheet HTML 60Page - National Semiconductor (TI) DP8496 Datasheet HTML 61Page - National Semiconductor (TI) DP8496 Datasheet HTML 62Page - National Semiconductor (TI) DP8496 Datasheet HTML 63Page - National Semiconductor (TI) DP8496 Datasheet HTML 64Page - National Semiconductor (TI) DP8496 Datasheet HTML 65Page - National Semiconductor (TI) DP8496 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
40 Functional Description (Continued)
TABLE 429 SCSI Bufer Management Interrupts
Block
New SCSI
New Block
Count
Command
Count Been
Interrupt
Comments
Reached
Been
Loaded
Type
Zero
Loaded
No
X
X
BTC
Single block transfer complete
Yes
X
Yes
GTC
The last block of the Group has been transferred tofrom the SCSI Bus
Command is extended with new Block Count
Yes
Yes
No
CCI
Previous SCSI command has completed New pipelined command is
starting
Yes
No
No
CCI
Previous SCSI command has completed No new command
Note
BTC e Single Complete Interrupt GTC e Group Complete Interrupt CCI e Command Complete Interrupt
Automatic Mode
The Automatic Mode transfers data between the SCSI bus
and external buffer memory using internal DMA The Auto-
matic Mode is enabled by setting the AM (Automa-
ticManual) bit in the SCSI Operation register
If the Synchronous Transfer register is set for synchronous
transfers the transfer mode will automatically change be-
tween synchronous and asynchronous depending on the in-
formation transfer phase if the DP84967 is configured as a
Target If configured as an Initiator the Synchronous Trans-
fer register must be setup correctly for the phase prior to
issuing the Transfer Info command
Transfers of odd byte blocks are allowed in both Asynchro-
nous and Synchronous modes However the SCSI FIFO will
be flushed after each block transferred if the block size is
odd in word mode Therefore the maximum data transfer
rate will be achieved only for transfers of even byte counts
while in word mode While in byte mode odd and even
transfers are equally fast
In both synchronous and asynchronous transfer modes
successive requests or acknowledges cannot occur faster
than two bus clock cycles apart If this condition occurs a
‘‘SCSI Bus Error’’ interrupt will be generated and a ‘‘SCSI
Data Overrun’’ error code will be set in the SCSI Status
register
Manual Mode Information Transfer
Manual Mode is enabled by clearing the AM (Automatic
Manual) bit in the SCSI Operation register This is the de-
fault mode after a CRST or a SCSI Reset Command While
in this mode all the commands in the SCSI Command regis-
ter become unavailable This mode is intended to accom-
modate lower level processor controlled transfers which
may be unique to an application In other words the SCSI
protocol becomes completely processor controlled
A typical sequence may be to issue a (Re)Select command
in the Automatic Mode since this is not easy or fast in the
Manual Mode then switch to Manual Mode for further per-
haps unique transfers or phase sequences
Data can then be transferred in two different ways while in
Manual Mode By setting the HE (Handshake Enable) bit in
the Synchronous Transfer register to a ‘‘0’’ the SCSI data
bus appears as a simple transceiver without a latch This
mode is intended for unique applications which require proc-
essor control over the Arbitration and Selection phases
Data written to the SCSI Data register will be asserted im-
mediately on the SCSI bus and data read from the SCSI
Data register will be an exact and immediate reflection of
the SCSI bus
By setting the HE bit to a ‘‘1’’ the SCSI Data register be-
comes latched and the processor can easily transfer single
bytes of data The DBR (Data Buffer Ready) bit in the SCSI
Status register should be polled to pace the data transfer If
sending data out of the DP84967 the DBR bit should be
polled for a ‘‘0’’ This indicates the SCSI Data register is
empty and ready for another byte to be sent If receiving
data into the DP84967 the DBR bit should be polled for a
‘‘1’’ This indicates the SCSI Data register is full and a byte
is ready to be read by the processor
A Few Cautions
(while in Manual Mode)
If the DP84967 is a target receiving information from the
SCSI Bus then the processor should switch the IO line
before reading the last byte
This is to prevent the
DP84967 from issuing another REQ and causing a DMA
overrun condition on the Initiator side
If in Manual Mode and not active on the SCSI bus several
conditions must be met to prevent the DP84967 from driv-
ing the SCSI bus or causing unexpected error conditions
within itself The HE (Handshake Enable) bit in the Synchro-
nous Transfer register must be 0 the SCSI Data register
must be 00 the SPP (SCSI Parity Polarity) bit in the Setup 2
register must be 1 (even parity) These conditions are all set
up upon assertion of the CRST pin or a SCSI Reset com-
mand Be sure that these conditions are set up before
switching the AM bit from Automatic to Manual Mode
If connected as a Target in Manual Mode REQ is asserted
as soon as the HE (Handshake Enable) bit in the Synchro-
nous Transfer register is switched from ‘‘0’’ to ‘‘1’’
Note that no DMA transfers occur between the SCSI bus
and buffer memory while in Manual Mode
While in Manual Mode there is no automatic protection
against generating illegal SCSI operations Care should be
taken to ensure that other devices on the SCSI bus are not
adversely affected by custom sequences
Differential Transceiver Control in Manual Mode
On the DP8497 fourteen pins are dedicated to the task of
controlling the direction of off-chip differential transceivers
required for Fast SCSI type applications Control of these
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com