Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 3Page - National Semiconductor (TI) DP8496 Datasheet HTML 4Page - National Semiconductor (TI) DP8496 Datasheet HTML 5Page - National Semiconductor (TI) DP8496 Datasheet HTML 6Page - National Semiconductor (TI) DP8496 Datasheet HTML 7Page - National Semiconductor (TI) DP8496 Datasheet HTML 8Page - National Semiconductor (TI) DP8496 Datasheet HTML 9Page - National Semiconductor (TI) DP8496 Datasheet HTML 10Page - National Semiconductor (TI) DP8496 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
20 Pin Description (Continued)
Symbol
Pin
Type
Function
SCSI BUS TRANSCEIVER DIRECTION CONTROL PINS
(DP8497 Only)
DSDB07
48 – 56
O
DIRECTION CONTROL FOR SCSI DATA PARITY BUS
Each of these signals connects to
the appropriate enable pin of the differential transceivers used for a Fast SCSI
DSDBP
implementation and controls the direction of its corresponding SCSI data bus signal A high
level on these pins enables the driver while a low level enables the receiver
DTARG
79
O
DIRECTION CONTROL FOR TARGET SIGNALS
Same as above Controls the direction of
CD IO REQ and MSG signals
DINIT
80
O
DIRECTION CONTROL FOR INITIATOR SIGNALS
Same as above Controls the direction
of ACK and ATN signals
DBSY
81
O
DIRECTION CONTROL FOR BSY
Same as above Controls the direction of BSY signal
DSEL
82
O
DIRECTION CONTROL FOR SEL
Same as above Controls the direction of SEL signal
DRST
83
O
DIRECTION CONTROL FOR RST
Same as above Controls the direction of RST signal
BUFFER MEMORY INTERFACE PINS
DB1 – 07
84 – 92
IO
DATA BUS 1
These nine active high bi-directional lines transfer data between the
DP84967 and the least significant 8-bits plus parity of buffer memory
DB1–P
ADB2 – 07
93 – 97
IO
ADDRESS DATA BUS 2
These nine active high bi-directional lines transfer data between
the DP84967 and the most significant 8-bits plus parity of buffer memory if word mode is
ADB2 – P
99 – 100
enabled These pins also contain address information for static RAM See Tables 42 and
1–2
43
AB3 – 07
4 – 11
O
ADDRESS BUS 3
These eight active high outputs represent address information for both
SRAM and DRAM See Tables 42 to 45
AB4 – 02
12 – 14
O
ADDRESS BUS 4
These three active high outputs represent address information for both
SRAM and DRAM See Tables 42 to 45
RDo or
18
O
The function of this pin is determined by the use of SRAM or DRAM
CAS
READ STROBE (OUT)
SRAM
COLUMN ADDRESS STROBE
DRAM
WRo19
O
WRITE STROBE (OUT)
Always
ADSo or
17
O
The function of this pin is determined by the use of SRAM or DRAM
RAS
ADDRESS STROBE (OUT)
SRAM In word mode controls address latch for ADB2 bus
High level on this signal should be used by an external latch to accept address inputs
latching them on the falling edge
ROW ADDRESS STROBE
DRAM
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com