Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 40Page - National Semiconductor (TI) DP8496 Datasheet HTML 41Page - National Semiconductor (TI) DP8496 Datasheet HTML 42Page - National Semiconductor (TI) DP8496 Datasheet HTML 43Page - National Semiconductor (TI) DP8496 Datasheet HTML 44Page - National Semiconductor (TI) DP8496 Datasheet HTML 45Page - National Semiconductor (TI) DP8496 Datasheet HTML 46Page - National Semiconductor (TI) DP8496 Datasheet HTML 47Page - National Semiconductor (TI) DP8496 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
40 Functional Description (Continued)
All the normal interrupts will be generated during the data
transfer phase of the command (Block Transfer Complete
Group Transfer Complete etc) In addition a ‘‘Group Com-
plete’’ interrupt will always be generated just before the Dis-
connect operation begins This will allow the processor to
process the information read from the SCSI bus while the
disconnect operation is taking place
ReselectSend DataDisconnect
(Opcode e 18h)
This combination command is identical to issuing the Rese-
lect command (10h) followed by a single byte Message In
phase using the Identify register contents followed by the
Send Data command (0Bh) followed by the Send Discon-
nect command (33h)
A ‘‘Group Complete’’ interrupt will always be generated just
before the Disconnect operation begins This will allow the
processor to set up the SCSI Bus Controller for a new com-
mand while the disconnect operation is taking place
ReselectReceive DataEnd (Opcode e 1Dh)
This combination command is identical to issuing the Rese-
lect command (10h) followed by a single byte Message In
phase using the Identify register contents followed by the
Receive Data command (3Fh) followed by the Send End
command (31h)
A ‘‘Group Complete’’ interrupt will always be generated just
before the Disconnect operation begins This will allow the
processor to process the information read from the SCSI
bus while the disconnect operation is taking place
ReselectSend DataEnd (Opcode e 19h)
This combination command is identical to issuing the Rese-
lect command (10h) followed by a single byte Message In
phase using the Identify register contents followed by the
Send Data command (0Bh) followed by the Send End com-
mand (31h)
A ‘‘Group Complete’’ interrupt will always be generated just
before the Disconnect operation begins This will allow the
processor to set up the SCSI Bus Controller for a new com-
mand while the disconnect operation is taking place
Wait-for-SelectReceive Command
(Opcode e 36h)
This command should normally be issued any time there is
no other SCSI bus data transfers in progress This will allow
new SCSI commands to be received by the DP84967 (con-
figured as a target)
The DP84967 will wait until it recognizes itself being select-
ed with BSY deasserted SEL asserted and its own ID pres-
ent on the SCSI data bus If the ATN signal was also assert-
ed a Message Out phase will be generated with an Identify
Message The Identify byte will be loaded into the Identify
register not buffer memory If the ATN signal was not as-
serted the Command Phase will be entered immediately
without a Message Out phase
If a Message Out phase is executing and the ATN signal
remains asserted when the ACK signal is deasserted the
command is terminated with an ‘‘Uncompleted Command’’
interrupt This indicates that the Initiator is sending an ex-
tended or multi-byte message
After the first byte of the Command Phase has been read
from the SCSI bus the DP84967 will interpret the Group
Number in bits 5 6 and 7 This determines the total number
of bytes in the SCSI Command Descriptor Block as shown
in Table 421 The correct number of bytes are then read
from the SCSI bus The entire SCSI Command Descriptor
Block will be transferred to buffer memory
TABLE 421 Group Numbers
Group Number
of Bytes in
7
6
5
Command
000
6
001
10
010
10
101
12
Note
Any other group combinations are unknown length and will cause an
‘‘Uncompleted Command’’ interrupt
A SCSI bus parity error or the assertion of the ATN signal
will terminate this command The termination will occur im-
mediately or at the end of the current phase based on the
SE (Stop Enable) bit in the SCSI Operation register Also
during a Message Out phase if the ATN signal goes low
the command will terminate based on the SE bit
The command will terminate after the last Command De-
scriptor byte has been read An ‘‘Operation Complete’’ in-
terrupt will be generated The SCSI Control signals will re-
main in the Command Phase
The Clear Pending Command can be issued to terminate
this command if the DP84967 has not yet been selected
If the DP84967 is reselected as an Initiator (before it has
been selected as a Target) the chip will respond properly
as an Initiator on the SCSI bus as if there were no active
command The Wait-for-SelectReceive command will then
terminate with a ‘‘(Re)Selected’’ interrupt and the ‘‘Last
Command Ignored’’ bit set also
Wait-for-SelectReceive CommandDisconnect
(Op-Code e 37h)
This command is identical to the previous command except
with the addition of an optional Disconnect function at the
end
If the SCSI Command Descriptor Block that is read from the
SCSI bus is a read disk command the DP84967 will enter
the ‘‘Message In’’ phase send a ‘‘Disconnect’’ message
and terminate with an ‘‘Operation Complete’’ interrupt A
read command is determined by the first byte of the Com-
mand Descriptor Block that was transferred during the Com-
mand Phase If this byte is either a 08h 28h 48h or A8h
then this is interpreted as a read command
If it is not a read command the command will terminate
after the last Command Descriptor byte has been read An
‘‘Uncompleted Command’’ interrupt will be generated In
this case the SCSI Control signals may not remain in the
Command Phase
Wait-for-SelectSend Busy (Opcode e 35h)
If no command can be accepted by the Target this com-
mand will turn away all Selections in a clean manner with
minimal processor overhead This command operates the
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com