Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 38Page - National Semiconductor (TI) DP8496 Datasheet HTML 39Page - National Semiconductor (TI) DP8496 Datasheet HTML 40Page - National Semiconductor (TI) DP8496 Datasheet HTML 41Page - National Semiconductor (TI) DP8496 Datasheet HTML 42Page - National Semiconductor (TI) DP8496 Datasheet HTML 43Page - National Semiconductor (TI) DP8496 Datasheet HTML 44Page - National Semiconductor (TI) DP8496 Datasheet HTML 45Page - National Semiconductor (TI) DP8496 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
40 Functional Description (Continued)
Reset (Opcode e 2B)
This command will terminate and clear the current com-
mand (if any) and will clear any pipelined command Refer
to Table 31 for other registers that are affected by this com-
mand This command may be issued at any time
At the completion of this command the ‘‘Operation Com-
plete’’ interrupt will be generated This interrupt may be buff-
ered after another interrupt as described in the SCSI Inter-
rupt register
Disconnect (Opcode e 32h)
This command will immediately release the SCSI lines to
the Bus Free phase This command must be issued only if
there are no pending commands (Status Code in SCSI
Status register e 0111)
This command will not generate an interrupt because it is
immediate without the possibility of an error
Message Accepted (Opcode e 30h)
Valid only as an initiator This command should be used
after a Transfer Info or Transfer Pad command while in the
Message In phase At the termination of the Transfer Info or
Transfer Pad command the ACK signal will normally be
deasserted However if these commands are issued while
in the Message In phase the ACK signal will remain assert-
ed at the termination of the command The Message Ac-
cepted command can be used to deassert the ACK signal in
this case
If the message is to be accepted issue the Message Ac-
cepted command which will deassert the ACK signal If the
message is to be rejected the ATN signal should be assert-
ed before the Message Accepted command is issued The
ATN signal may be asserted by setting the ATN bit in the
SCSI Control register
(Re)Select (Opcode e 10h)
This command initiates a rather lengthy series of events
commencing with detecting the Bus Free phase An Arbitra-
tion phase is executed next if enabled in the SCSI Operation
register This phase asserts the SCSI ID (initialized in the
Setup 2 register) on the SCSI bus and detects if any device
of higher priority is arbitrating with it The DP84967 will
cycle through this sequence until it wins arbitration After
winning arbitration the chip Selects the Target or Reselects
the Initiator whose ID is contained in the Destination ID reg-
ister It will wait for a response from that device indefinitely
with SEL and ID’s asserted and BSY deasserted When the
selected device responds by asserting BSY the command
will terminate with a completion interrupt
None of the above sequences are protected by time-outs
because it is much more efficient to bracket the entire se-
lection process with a single processor controlled timer
The choice between Selection and Reselection is deter-
mined by the TI (TargetInitiator) bit in the SCSI Operation
register While in the Target mode this command will exe-
cute a Reselection While in the Initiator mode a Selection
will be executed
While in the Initiator mode the ATN signal may be con-
trolled during selection by the SWA (Select With Attention)
bit in the SCSI Operation register
Abort (Re)Selection (Opcode e 08h)
This command is used to terminate a pending (Re)select
combination command This command will function correct-
ly only if the initial (re)selection has not yet begun or while
the (re)selection is in progress
If this command is issued before or during arbitration the
SCSI bus is immediately released This will result in an ‘‘Op-
eration Complete’’ interrupt
If issued after this point but before the desired SCSI device
has responded with the BSY signal the SCSI Data Bus will
be released If the BSY signal is not detected after a certain
delay the SEL signal will be deasserted and the command
will terminate with an ‘‘Operation Complete’’ interrupt If the
BSY signal is detected a ‘‘Last Command Ignored’’ inter-
rupt will be generated and the DP84967 will continue as if
the Abort (Re)Selection command had not been issued at
all (except for the ‘‘Last Command Ignored’’ interrupt) This
follows option 2 of paragraph 5135 of the X3131-1986
specification
If this command is issued after the desired SCSI device has
already responded with the BSY signal no interrupt will be
generated for this command The DP84967 will continue
as if the Abort (Re)Selection command had not been issued
at all
To verify the result of this command the SCSI Status regis-
ter should be read at least 20 BCLK periods after this com-
mand is issued If the Status Code is less than 7 (0000 –
0111) the Abort (Re)Select command was issued in time
Simply wait for the completion interrupt
If the Status Code is 7 or greater (0111 – 1111) the Abort
(Re)Select command was issued too late The Selection
has already completed and there may be no completion
interrupt generated by the Abort (Re)Selection command
However a completion interrupt will be generated when the
original (Re)Select or (Re)Select combination command ter-
minates
Receive Command (Opcode e 3Eh)
Receive Data (Opcode e 3Fh)
Receive Message (Opcode e 3Ah)
Receive Unspecified (Opcode e 3Bh)
Send Status (Opcode e 0Ah)
Send Data (Opcode e 0Bh)
Send Message (Opcode e 0Eh)
Send Unspecified (Opcode e 0F)
The Send and Receive commands listed above are used to
transfer information on the SCSI bus The information trans-
ferred will be to or from the buffer memory
These commands are only valid if the DP84967 is config-
ured as a Target in the Automatic mode The DP84967
must already be connected (BSY asserted) The function of
these commands are all similar except for the IO CD and
MSG lines The state of these control lines are listed in
Table 420
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com