Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 56Page - National Semiconductor (TI) DP8496 Datasheet HTML 57Page - National Semiconductor (TI) DP8496 Datasheet HTML 58Page - National Semiconductor (TI) DP8496 Datasheet HTML 59Page - National Semiconductor (TI) DP8496 Datasheet HTML 60Page - National Semiconductor (TI) DP8496 Datasheet HTML 61Page - National Semiconductor (TI) DP8496 Datasheet HTML 62Page - National Semiconductor (TI) DP8496 Datasheet HTML 63Page - National Semiconductor (TI) DP8496 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
40 Functional Description (Continued)
TABLE 427 Interrupt Buffering
TLF11212 – 34
SCSI Interrupt Enable (SINTE)
4Ah
RW
76543210
PCMP
ATN
GTC
BTC
LCI
x
x
CI
This register simply enables selected interrupts to physically
assert the SINT pin If an interrupt is disabled via this regis-
ter all the effects of the interrupt remain the same except it
will not affect the SINT pin
Bits 3 – 7 enable individual checkpoint type interrupts A ‘‘1’’
allows the individual interrupt to assert the interrupt pin A
‘‘0’’ prevents it
The CI (Completion Interrupts) bit allows all completion type
interrupts to assert the interrupt pin The completion inter-
rupts cannot be enabled individually
Interrupts should be cleared from the SCSI Interrupt register
whether or not they are enabled in the SCSI Interrupt En-
able register
SCSI Block Count (SBC)
4Bh
RW
76543210
Count
The value programmed in this register sets the number of
blocks to be transferred A value of 00h means 256 blocks
This value in conjunction with the block size value in SBSH
and SBSL registers determines the total number of bytes to
be transferred
SCSI Block SizeHigh (SBSH)
4Ch
RW
76543210
SizeHigh Order Byte
SCSI Block SizeLow (SBSL)
4Dh
RW
76543210
SizeLow Order Byte
The size of the user’s SCSI blocks is programmed in these
two registers This value in conjunction with the block count
value in the SBC register determines the total number of
bytes to be transferred
Differential SCSI 1 (SDIF1)
4Eh
RW
76543210
DCSDB7 DCSDB6 DCSDB5 DCSDB4 DCSDB3 DCSDB2 DCSDB1 DCSDB0
Differential SCSI 1 (SDIF1)
4Fh
RW
7654
3
21
0
SCK1
SCK0
DCBSY DCSEL DCTARG DCINIT DCRST DCSDBP
(Other than the SCK1 and SCK0 bits all other bits are meaningful only on
the DP8497)
DCSDB(70) DCSDBP
The polarity of each of these bits sets the polarity of the
DSDB(70) and DSDBP pins of the DP8497 and also the
direction of the on-chip transceiver at the associated signal
pin thus providing differential transceiver direction control
to the user in manual mode operation A ‘‘1’’ in any of these
bits and therefore a high level on the corresponding direc-
tion control pin means the transceivers are in ‘‘drive’’
mode while a ‘‘0’’ signifies the ‘‘receive’’ mode
In effect only during manual mode
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com