Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP8496 Datasheet HTML 1Page - National Semiconductor (TI) DP8496 Datasheet HTML 2Page - National Semiconductor (TI) DP8496 Datasheet HTML 3Page - National Semiconductor (TI) DP8496 Datasheet HTML 4Page - National Semiconductor (TI) DP8496 Datasheet HTML 5Page - National Semiconductor (TI) DP8496 Datasheet HTML 6Page - National Semiconductor (TI) DP8496 Datasheet HTML 7Page - National Semiconductor (TI) DP8496 Datasheet HTML 8Page - National Semiconductor (TI) DP8496 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
20 Pin Description (Continued)
Symbol
Pin
Type
Function
DISK DATA CONTROLLER PINS
RGATE
20
O
READ GATE
This active high output is asserted while the Disk Data Controller is reading data
from the disk It commands an external data separator to acquire lock and enables the RDATA
pin
RCLK
21
I
READ CLOCK
This input is the disk data rate clock When RGATE is deasserted low this pin
will receive the crystal or servo derived clock When RGATE is asserted high this pin will
receive the recovered NRZ clock from the decoder Each rising edge of the clock at this input
is used to strobe RDATA into the Disk Data Controller The AC timing characteristics should
not be violated even during the time of transition between clock sources
RDATA
22
I
READ DATA
This active high input accepts NRZ disk data from the data synchronizer
decoder
WGATE
23
O
WRITE GATE
This active high output is asserted while writing data to the disk
WCLK
24
O
WRITE CLOCK
This output is derived from RCLK and is used to clock NRZ WDATA out from
the DP84967 The rising edge indicates vaild WDATA
WDATA
25
O
WRITE DATA
This active high output is the NRZ data to be written to the disk It is
synchronized to WCLK It is held deasserted any time WGATE is deasserted
INDEX
26
I
INDEX
This active high input from the disk drive signifies the start of a track Disk Data
Controller commands may be synchronized to it
AMFSEC
27
I
ADDRESS MARK FOUNDSECTOR
This active high input denotes the start of a sector in
hard and pseudo-hard sectored drives Soft sectored drives use AMF to denote the start of
header and data fields
AME
28
O
ADDRESS MARK ENABLE
This active high output forces the read-channel encoder to
generate an Address Mark It is also used to enable Address Mark detection for pseudo-hard
sectored drives
PROCESSOR INTERFACE PINS
CRST
37
I
RESET
This active low Schmitt input will reset the DP84967 immediately without regard to
data transfers which may be in progress Registers affected are listed in Table 31
PADB07
40 – 47
IO
PROCESSORADDRESSDATA BUS 0 – 7
These eight active high bi-directional lines
transfer information between the DP84967 and the processor
ADSi
29
I
ADDRESS STROBE IN
This active high input latches the address from PADB0 – 7 on the
falling edge The latched address is used to select internal registers
RDi or DS
30
I
The function of this pin is determined by the processor mode initialized by the RDY MODE pin
READ STROBE (IN)
NSCIntel mode This active low input combined with a low level on CS
will assert data from the addressed register onto the PADB0 – 7 bus
DATA STROBE
ZilogMotorola Mode This active low input combined with a low level on CS
will either assert data from the addressed register onto the PADB0 – 7 bus or it will write data
present on the PADB0 – 7 bus into the register The data direction is determined by the WR
pin
WRi or
31
I
The function of this pin is determined by the processor mode initialized by the RDYMODE pin
RW
WRITE STROBE (IN)
NSCIntel Mode This active low input combined with a low level on CS
will write data present on the PADB0 – 7 bus into the addressed register
READWRITE
ZilogMotorola Mode This pin determines the direction of data transfer on
the PADB0 – 7 bus while the CS and DS pins are both asserted High e Read Low e Write
CS
32
I
CHIP SELECT
This active low input must be asserted to access any of the registers
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com