Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 84Page - National Semiconductor (TI) DP8496 Datasheet HTML 85Page - National Semiconductor (TI) DP8496 Datasheet HTML 86Page - National Semiconductor (TI) DP8496 Datasheet HTML 87Page - National Semiconductor (TI) DP8496 Datasheet HTML 88Page - National Semiconductor (TI) DP8496 Datasheet HTML 89Page - National Semiconductor (TI) DP8496 Datasheet HTML 90Page - National Semiconductor (TI) DP8496 Datasheet HTML 91Page - National Semiconductor (TI) DP8496 Datasheet HTML 92Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 91 / 92 page
background image
80 AC Test Conditions
The AC Characteristics in Section 70 are tested under the
conditions described below If a variable is included in the
Min or Max column the value of that variable should be
based on the conditions used in the current application
not the Min or Max specification from a table
The AC specifications are tested at different BCLK and
RCLK frequencies The frequencies tested are listed in Ta-
ble 81 If a variable is included in the Min or Max column
you may calculate an estimate for that characteristic for any
frequency However only the frequencies listed in Table 81
are guaranteed
TABLE 81 Guaranteed Frequencies
BCLK
15 MHz
175 MHz
20 MHz
TABLE 82 Test Conditions
Input Pulse Levels
GND to 3V
Input Rise and Fall Times
5 ns
Input and Output Reference Levels
13V
TRI-STATE Reference Levels
Active High b 05V
Active Low a 05V
TABLE 83 Capacitance
Symbol
Parameter
Typ
Units
CIN
Input Capacitance
5
pF
COUT
Output Capacitance
8
pF
Note 1
TA e 25 C f e 1 MHz
Note 2
These parameters are not 100% tested
TLF11212 – 9
FIGURE 81 Test Jig
Note 1
CL e 110 pF for Buffer Memory Interface pins 50 pF for all other
pins Includes jig and scope capacitance
Note 2
S1 e open for push-pull outputs S1 e VCC for high impedance to
active low and active low to high impedance measurements S1 e GND for
high impedance to active high and active high to high impedance measure-
ments RL e 10 kX (See Note 3)
Note 3
For the SCSI interface pins (SCSI Data bus and SCSI Control lines)
S1 e VCC and RL e 150X
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com