Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 16Page - National Semiconductor (TI) DP8496 Datasheet HTML 17Page - National Semiconductor (TI) DP8496 Datasheet HTML 18Page - National Semiconductor (TI) DP8496 Datasheet HTML 19Page - National Semiconductor (TI) DP8496 Datasheet HTML 20Page - National Semiconductor (TI) DP8496 Datasheet HTML 21Page - National Semiconductor (TI) DP8496 Datasheet HTML 22Page - National Semiconductor (TI) DP8496 Datasheet HTML 23Page - National Semiconductor (TI) DP8496 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
40 Functional Description (Continued)
43 DISK DATA CONTROLLER
The Disk Data Controller is concerned only with the data
aspects of the disk drive Control signals for head move-
ment head selection track zero detection etc are left to
the processor or through an external IO port Because of
this the DP84967 can easily be used in a wide variety of
SCSI disk systems
Track format is specified through the internal pattern and
count registers loaded by the host processor at initialization
A unique format can be developed for each application tak-
ing into account speed tolerances PLL lock-on time and
write splice length etc
An additional field before the Header and Data Preambles
(Header Gap and Data Gap) controls RGATE vs WGATE
assertion times This assures that the PLL never sees a
write splice between the header and data field Byte count
programmability of these fields ensures that minimum track
area for the write splice
The data field length (sector size) can range from 16 kBytes
to 64 kBytes with a two byte resolution
Finally both the ID and Data portions of the sector can be
protected with CRC or ECC ranging in length from 16 bits
(CRC) to 32 48 or 56 bits (ECC) All the polynomials are
fixed computer generated codes except the 16-bit CRC
which is a CCITT standard Very little processor overhead is
needed for disk data error correction due to on-chip logic
Additional features include a Sector or Index pulse interrupt
option This makes processor monitoring of disk rotational
speed easier and also location of sectors based on time
since last index pulse for soft sectored drives or count of
sector interrupts for hard sectored drives Also programma-
ble control over AME and AMFSector pins supports pseu-
do-hard sectored (ESDI soft sectored) as well as hard and
soft sectored drives
All registers are buffered such that individual bits will not
change while RD strobe is active except where specified
431 Command Operation
User issues disk commands by writing to the Disk Com-
mand register (DCMD 10h) after format registers and other
disk control registers have been specified Most disk com-
mands follow the flowcharts shown in
Figures 43 44 and
45 The command will begin after the starting condition
specified by the SCT (Start Control) bit in the Disk Com-
mand register and the DCOZ (Drive Command On Zero) bit
in the Timer Prescale register Each command is really bro-
ken into two sub-commands a Header Segment command
and a Data Segment command If a single sector command
is issued (determined by the MSO (Multi-Sector Operation)
bit in the Drive Control register) the command will terminate
at the end of the specified sector Multi-sector commands
will update the Sector Number register and the Sector
Count register after processing each sector and will contin-
ue until the Sector Count register reaches zero
TLF11212 – 10
FIGURE 43 Disk Command Flowchart
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com