Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 53Page - National Semiconductor (TI) DP8496 Datasheet HTML 54Page - National Semiconductor (TI) DP8496 Datasheet HTML 55Page - National Semiconductor (TI) DP8496 Datasheet HTML 56Page - National Semiconductor (TI) DP8496 Datasheet HTML 57Page - National Semiconductor (TI) DP8496 Datasheet HTML 58Page - National Semiconductor (TI) DP8496 Datasheet HTML 59Page - National Semiconductor (TI) DP8496 Datasheet HTML 60Page - National Semiconductor (TI) DP8496 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
40 Functional Description (Continued)
Error Code
The error code is used in conjunction with the Status Codes
to determine the present state of the SCSI interface In the
case of a SCSI Data Overrun error occurring at the same
time as a SCSI parity error the more serious error SCSI
Data Overrun will be encoded In the case where the SE bit
of the SCSI Operation register is set and therefore a SCSI
parity error causes the current command to terminate imme-
diately a SCSI data overrun may be caused In this case
also the error code for SCSI Data Overrun will be reported
effectively masking the original SCSI parity error from being
reported
TABLE 424 Error Codes
Error Code
Error
54
0
0
No Error
0
1
SCSI Parity Error
1
1
SCSI Data Overrun
The Error Code field is cleared to zero when a new com-
mand is downloaded and executed
SCSI Parity Error (0 1)
This code is present in any Selection or Information transfer
phase upon detection of a parity error from the SCSI bus in
either Auto or Manual mode
SCSI Data Overrun (1 1)
This code is set if the DP84967 receives too many bytes to
transfer in the available bandwidth to buffer memory Data
loss has occurred If this error occurs in any transfer mode
it indicates a lack of available buffer memory bandwidth If it
occurs during an Asynchronous transfer some AC timing
specification has been violatedsuch as too fast a REQ
ACK period for a given BCLK There must be at least 2
BCLK periods per REQ or ACK period
Also set if 2 REQ pulses are received before a Transfer Info
or Transfer Pad command in Initiator mode is issued by the
processor This indicates that the Target device is in Syn-
chronous Transfer mode and the DP84967 is not set up to
respond in this mode
During synchronous transfers if the number of outstanding
REQ or ACK pulses received is greater than the pro-
grammed offset (offset overflow) this error will be set
Also set if there are any abnormal handshakes between
REQ and ACK Examples may be an ACK which deasserts
before REQ or any non-match of REQACK pulses follow-
ing a Synchronous mode transfer
Status Code
This field indicates present bus condition and in the case of
bus free phase how the DP84967 arrived in the phase All
bits are latched on the leading edge of the RD strobe and
will not change during the read cycle
Note that the state of the ATN signal can be read at any
time in any mode through the SCSI Control register
The Status Code is not valid while in the Manual mode The
Status Code is also not valid after an ‘‘Invalid Command’’
interrupt has been generated
Important In Initiator mode information transfer phases are
updated on the leading edge of REQ If during a Transfer
Info or Transfer Pad command the phase changes from
that detected on the first REQ the command will be aborted
with an ‘‘Uncompleted Command’ interrupt if there is no
parity error
TABLE 425 Status Codes
Status
Code
Comment
3210
0000
Bus Free or Idle due to Reset command
CRST pin SCSI bus reset normal
disconnection for initiator or Abort
(Re)Selection command
0001
Bus Free due to command complete
(except after Abort (Re)Select command
or Reset command) Target mode only
0010
A DP84967 initiated Arbitration phase is
pending or in progress
0011
A DP84967 initiated (Re)Selection phase
is in progress
0100
Selected The DP84967 has been
Selected as a Target
0101
Reselected The DP84967 has been
Reselected as an Initiator and the
‘‘Reselected’’ interrupt completion code
has not yet been cleared
0110
Unexpected bus free in Initiator mode
Command has been aborted
0111
Connected but no pending command
1000
Data Out Phase
1001
Unspecified Info Out Phase
1010
Command Phase
1011
Message Out Phase
1100
Data In Phase
1101
Unspecified Info In Phase
1110
Status Phase
1111
Message In Phase
While in the Initiator mode the Status Code will be frozen at
the time that an error completion code is generated (not
code ‘‘001’’) When the completion interrupt is cleared the
Status Code will return to normal operation A completion
code of ‘‘001’’ will not freeze the Status Code
SCSI Interrupt (SINT)
49h
RW
76543210
PCMP
ATN
GTC
BTC
LCI
Completion Interrupt Code
This register indicates interrupts that have occurred There
are two types of interrupts checkpoint and completion
Checkpoint interrupts (bits 3 – 7) are separated into separate
bits and may be asserted simultaneously These interrupts
may be cleared only by writing a ‘‘1’’ into the corresponding
bit location These bits may be cleared individually or simul-
taneously
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com