Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 31Page - National Semiconductor (TI) DP8496 Datasheet HTML 32Page - National Semiconductor (TI) DP8496 Datasheet HTML 33Page - National Semiconductor (TI) DP8496 Datasheet HTML 34Page - National Semiconductor (TI) DP8496 Datasheet HTML 35Page - National Semiconductor (TI) DP8496 Datasheet HTML 36Page - National Semiconductor (TI) DP8496 Datasheet HTML 37Page - National Semiconductor (TI) DP8496 Datasheet HTML 38Page - National Semiconductor (TI) DP8496 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
40 Functional Description (Continued)
The altered format registers will apply to the next sector to
be operated on regardless of whether the drive command
is a multi-sector type or not
A new drive command may also be loaded along with updat-
ing the Format registers This would facilitate a Read Head-
erRead Data command (to locate track position) followed
by a Compare HeaderRead Data command (multi-sector)
to read the rest of the track See the previous sub-section
for a description of how commands are pipelined
Changing disk format registers other than the ones listed
above can have critical timing restrictions In general if the
field to be changed for the next sector has been or is being
written to disk for the current sector it is safe to change the
count and pattern registers for that field
The ‘‘Header Complete’’ interrupt is enabled by setting the
HNC (Header CompleteNext Command) bit in the Disk
Interrupt Enable register to a ‘‘1’’
Single Sector Formatting
Format operations normally start with an index pulse and
end with the next index pulse thus formatting one track
Individual sectors can be formatted for hard sectored drives
only via the Write HeaderWrite Data command A Com-
pare HeaderRead Data may be issued before the Write
HeaderWrite Data command to locate the sector preced-
ing the sector to be formatted
AMFAME Operation
Address mark found (input) and address mark enable (out-
put) pins are usually used with soft sectored drives to syn-
chronize the actual disk with DP84967 data operations On
true soft sectored drives (ST506412 type) AME is generat-
ed for each byte of Synch
1 generated during a format or
write operation On a compare or read operation AMF
is expected for each Synch
1 byte read In MFM systems
this is commonly generated by a missing clock from an A1h
byte
In the pseudo-hard sectored mode AME is used to perform
two different functions During a format AME is asserted
during the Header Gap field This along with the fact that
WGATE was already asserted instructs the drive to write an
Address Mark (the Header Gap Count should be loaded
with a 3 according to the ANSI draft proposed ESDI specifi-
cation) During a read or write data operation AME is assert-
ed after the specified starting condition for a soft sectored
drive (immediately wait for index wait for timer etc) The
Disk Data Controller will then wait for AMF to be asserted by
the drive before executing the command AME will be as-
serted again before each sector operation and the Disk
Data Controller will wait for the AMF before continuing
Table 417 shows the proper state for the HSS and DT bits
(HardSoft Sectored and Drive Type) in the Disk Control
register based on the drive used
Disk Data Error Handling
The DP84967 uses a fixed 32 48 or 56-bit ECC polynomial
for detection and correction of errors Correction is per-
formed entirely on-chip with one of the fixed polynomials
The processor needs only to EX-OR the correction mask
bytes contained on-chip after a successful correction cycle
with the bytes in error in buffer memory
It is not recommended to use the maximum correction span
listed in Table 418 The chance for a mis-correction is too
great The recommended correction span produces the
best trade-off between correction span and probability of
mis-correction The correction span is set in the ECC Con-
trol register
TABLE 417 Drive Types
Drive Type
Operation
HSS
DT
PSIG
AME Asserted
AMFSector
If IS Set to ‘‘1’’
Written
during
Pulse Expected
Int Generated
Soft Sectored
Format
0
0
First Sector
Hdr Synch
1
X
ST506 Type
of Track
Data Synch
1
Format
Write
0
0
No
Data Synch
1
Hdr Synch
1
Index
Read
0
0
No
Never
Hdr Synch
1
Data Synch
1
Pseudo Hard
Format
0
1
First Sector
Hdr Gap
X
Index
Sectored
of Track
(ESDI Soft
Write
1
1
No
ESDI Handshake
AMF for ESDI
Sectored)
Handshake
Index or AMF
Using Gap Type
Read
1
1
No
ESDI Handshake
AMF for ESDI
Address Mark
Handshake
Hard Sectored
Format
1
0
All Sectors
Never
Sector
Index or Sector
Not Using Gap
Format
1
1
All Sectors
Post SectorIndex
Sector
Type Address
Gap
Mark
Write
1
0
No
Never
Sector Pulse
Read
1
0
No
Never
Sector Pulse
Note
IS (IndexSector) bit is in Disk Control register If the IS bit is set to ‘‘0’’ an interrupt is generated at each Index pulse only
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com