Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 21Page - National Semiconductor (TI) DP8496 Datasheet HTML 22Page - National Semiconductor (TI) DP8496 Datasheet HTML 23Page - National Semiconductor (TI) DP8496 Datasheet HTML 24Page - National Semiconductor (TI) DP8496 Datasheet HTML 25Page - National Semiconductor (TI) DP8496 Datasheet HTML 26Page - National Semiconductor (TI) DP8496 Datasheet HTML 27Page - National Semiconductor (TI) DP8496 Datasheet HTML 28Page - National Semiconductor (TI) DP8496 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
40 Functional Description (Continued)
This command may be used for many special applications
such as
1 Writing data fields that are split by servo information
2 Writing to non-hard sectored Header Segments
3 Headerless sectoring
This command could be useful when used with the LOI
(Load On Index) bit in the Timer Prescaler register Write
Unformatted can be ‘‘dropped’’ accurately on the track us-
ing the time from Index as a count
Read Unformatted
This command will read a Data Segment only (although the
Data Segment registers may be programmed to appear as a
Header Segment) No header fields will be read counted
through or written After the specified starting condition a
Data Synch will be searched for After Data Synch is found
the data field will be read and transferred to buffer memory
Data CRCECC will be optionally checked
This command could be useful when used with the LOI
(Load On Index) bit in the Timer Prescale register Read
Unformatted can be ‘‘dropped’’ accurately on the track us-
ing the time from Index as a count It is also useful for read-
ing split data fields due to embedded servo
Start Correction Cycle
This command will start the internal ECC correction cycle
When the correction cycle has completed A Disk Comple-
tion Interrupt will be generated If the correction cycle was
successful no error will be indicated If unsuccessful a Disk
Complete Interrupt will occur with an error indication The
Disk Status register will report the Correction Failed condi-
tion This operation like all other operations may be started
any time another disk operation is not in progress Refer to
Section 434 for a discussion of the procedure for correct-
ing the data
Disk Control (DCTL)
11h
RW
7654
3
2
10
IR
IS
HSS
DT
WPSIG
WGF
PLL
RES
IR Interlock Required
1
The Interlock register (Header Byte Counter register)
must be written to after the Disk Data Controller has
completed a header operation and before the begin-
ning of the Data Postamble field If the Interlock register
is not written to in time the command will terminate
with the LI (Late Interlock) bit in the Disk Status register
set to ‘‘1’’ This allows the safe updating of header for-
matting registers during a Format operation Normally
used with the HNC (Header Complete or Next Com-
mand) bit in the Disk Interrupt Enable register set to ‘‘1’’
to enable Header Complete interrupts See Section
434 for a description of this technique
0
Normal operation No interlock function
IS IndexSectorAMF Interrupt
This bit controls the generation of an interrupt at each index
sector or AMF This interrupt may be masked by the IS
(IndexSector) bit in the Disk Interrupt Enable register
1
An interrupt will be generated as determined by Table
417 In general this will generate an interrupt at each
Index pulse for soft sectored drives each Index or AMF
signal for pseudo-hard sectored drives or at each In-
dex or Sector pulse for hard sectored drives
0
An interrupt will be generated by each Index pulse
HSS Hard or Soft Sectored
Works in conjunction with the DT (Drive Type) bit to control
the AME and the AMFSector pins In general this bit
should be set for hard or pseudo-hard sectored drives and
cleared for soft sectored drives Refer to Table 417 for the
specific use of this bit
DT Drive Type
Works in conjunction with the HSS (HardSoft Sectored) bit
to control the AME and the AMFSector pins In general
this bit should be set for pseudo-hard sectored drives Refer
to Table 417 for the specific use of this bit
WPSIG Write Post SectorIndex Gap
This bit is only used in Write Header or Format operations
1
WGATE is asserted during the Post SectorIndex Gap
when a header is written
0
WGATE is not asserted during the Post SectorIndex
Gap
WGF Write Gate Format
This bit will allow a single revolution format operation with
an RLL code In some applications if WGATE pulses low for
2 bit times an external ENDEC will generate a valid pream-
ble pattern This bit will only effect the operation of WGATE
during the Data Gap field
1
WGATE is deasserted for 2 bit times at the beginning of
the Data Gap field of each sector written
0
WGATE remains asserted throughout the Data Gap
field
PLL PLL Recovery Time
This bit is only used in soft sectored mode It is used to
control the amount of PLL relock time given to an external
synchronizer When used with the National’s DP8459 or
DP8469 the two byte choice gives the shortest necessary
preamble lengths and takes advantage of the zero phase
start of these PLLs When using other PLLs the six byte
choice should be used See Section 434
1
RGATE is deasserted for six byte times following a
synch mis-compare in Soft Sector mode
0
RGATE is deasserted for two byte times following a
synch mis-compare in Soft Sector mode
RES Reset
1
Reset Active Setting this bit initiates a Disk Data Con-
troller reset operation Any disk command which may
be in progress will be terminated after transferring up to
four additional bytes See Table 31 for a summary of
registers affected by this reset
This bit will also be set by asserting the CRST pin
Once this bit is set (even by CRST) the only method to
clear it is by writing a zero to this bit
0
Normal Operation Clearing this bit terminates the reset
condition The processor must wait a minimum of 17
RCLK cycles after reset has begun before clearing re-
set
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com