Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 24Page - Advanced Micro Devices AMD-761 Datasheet HTML 25Page - Advanced Micro Devices AMD-761 Datasheet HTML 26Page - Advanced Micro Devices AMD-761 Datasheet HTML 27Page - Advanced Micro Devices AMD-761 Datasheet HTML 28Page - Advanced Micro Devices AMD-761 Datasheet HTML 29Page - Advanced Micro Devices AMD-761 Datasheet HTML 30Page - Advanced Micro Devices AMD-761 Datasheet HTML 31Page - Advanced Micro Devices AMD-761 Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 264 page
background image
16
AMD-761™ System Controller Programmer’s Interface
Chapter 2
AMD-761™ System Controller Software/BIOS Design Guide
24081D—February 2002
Preliminary Information
2.3
Address Decoding
A consistent view of memory and PCI devices is enforced by
decoding logic in the AMD-761 system controller in the
AMD Athlon processor system bus and PCI interfaces.
2.3.1
Socket2000 Address Decoding
The AMD-761 system controller must consider both the
AMD Athlon processor system bus SysAddOut field and the
command field when deciding what to do with a given
command. This AMD Athlon processor system bus decoding is
summarized as follows:
„
SysAddOut MSB = 0 and command is a block command,
DRAM is accessed:
•
If SysAddOut [31:0] falls between Dev0:BAR0 and
Dev0:BAR0+Len, address is to AGP virtual address space
and
needs
to
passed
through
the
GART
before
presentation to DRAM.
„
SysAddOut MSB = 1 and command is a masked write
command (WrQWs, WrLWs, WrBytes), DRAM is accessed:
•
If SysAddOut [31:0] falls between Dev0:BAR0 and
Dev0:BAR0+Len, address is to AGP virtual address space
and
needs
to
passed
through
the
GART
before
presentation to DRAM.
„
SysAddOut MSB = 0 and SysAddOut [35:32] = 0 and
command is a masked command, PCI memory-mapped I/O is
accessed:
•
Using Dev0:F0:0x14, BAR1, send to the AMD-761 system
controller memory-mapped GART control registers (see
Section 2.5 on page 138).
•
Memory range address decoding, send to either PCI or
AGP/PCI
using
address
bits
[31:0]
based
on
the
following:
•
Dev1:0x20, 0x24 (see “AGP/PCI Memory Limit and
Base
(Dev1:0x20)”
on
page 131
and
“AGP/PCI
Prefetchable Memory Limit and Base (Dev1:0x24)”
on page 133).
•
Dev
0:F0:0x84
AGP
VGA
BIOS
bits,
see
“Bit
Definitions PCI Arbitration Control (Dev0:F0:0x84)”
on page 71).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com