Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 61Page - Advanced Micro Devices AMD-761 Datasheet HTML 62Page - Advanced Micro Devices AMD-761 Datasheet HTML 63Page - Advanced Micro Devices AMD-761 Datasheet HTML 64Page - Advanced Micro Devices AMD-761 Datasheet HTML 65Page - Advanced Micro Devices AMD-761 Datasheet HTML 66Page - Advanced Micro Devices AMD-761 Datasheet HTML 67Page - Advanced Micro Devices AMD-761 Datasheet HTML 68Page - Advanced Micro Devices AMD-761 Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 264 page
background image
Chapter 2
AMD-761™ System Controller Programmer’s Interface
53
24081D—February 2002
AMD-761™ System Controller Software/BIOS Design Guide
Preliminary Information
25-24
tWR
Write Recovery Time
This bit field controls the number of clock cycles that must occur from the last valid
write operation to the earliest time a new precharge command can be asserted to the
same bank.
00 = tWR duration is 1 clock cycle.
01 = Reserved
10 = tWR duration is 2 clock cycles.
11 = tWR duration is 3 clock cycles.
23
tRRD
Activate Bank A to Activate Bank B Command Delay
This bit controls the number of clock cycles between successive activate commands to
different banks.
0 = tRRD duration is 2 clock cycles.
1 = tRRD duration is 3 clock cycles.
22-19
Reserved
Reserved
18–16
Idle_Cyc_Limit
Idle Cycle Limit
This bit field controls the number of idle cycles to wait before precharging an idle bank.
Idle cycles are defined as cycles in which no valid requests are asserted.
111 = Disable idle precharge
110 = 48 cycles
101 = 32 cycles
100 = 24 cycles
011 = 16 cycles
010 = 12 cycles
001 = 8 cycles (recommended “safe” configuration)
000 = 0 cycles
15–14
PH_Limit
Page Hit Limit
This bit field controls the number of consecutive page hit requests to allow before
choosing a non-PH request.
00 = 1 cycle
01 = 4 cycle
10 = 8 cycles (recommended “safe” configuration)
11 = 16 cycles
13–12
Reserved
Reserved
Bit Definitions (Continued)
DRAM Timing (Dev0:F0:0x54)
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com