Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 97 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 97 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 93Page - Advanced Micro Devices AMD-761 Datasheet HTML 94Page - Advanced Micro Devices AMD-761 Datasheet HTML 95Page - Advanced Micro Devices AMD-761 Datasheet HTML 96Page - Advanced Micro Devices AMD-761 Datasheet HTML 97Page - Advanced Micro Devices AMD-761 Datasheet HTML 98Page - Advanced Micro Devices AMD-761 Datasheet HTML 99Page - Advanced Micro Devices AMD-761 Datasheet HTML 100Page - Advanced Micro Devices AMD-761 Datasheet HTML 101Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 264 page
background image
Chapter 2
AMD-761™ System Controller Programmer’s Interface
85
24081D—February 2002
AMD-761™ System Controller Software/BIOS Design Guide
Preliminary Information
Programming Notes
Bit Definitions
AGP Virtual Address Space Size (Dev0:F0:0xAC)
Bit
Name
Function
31–17
Reserved
Reserved
16
Vga_IA_En
ISA Address Aliasing Enable
When set, this bit forces the AMD-761™ system controller to alias ISA addresses, which
means that address bits [15:10] are not used in decoding. When clear, no ISA aliasing is
performed and address bits [15:10] are used for decoding.
15–4
Reserved
Reserved
3–1
VA_Size
Virtual Address Size
This field defines the virtual address space size to be allocated to GART by the system
BIOS. Prior to the execution of the system BIOS memory mapping software, system BIOS
gets the amount of GART virtual address space required by the graphics controller. It sets
these bits to the required value. Changing these bits automatically changes bits [30:25] in
the host-PCI bridge (device 0) AGP Virtual Address Space register, offset 0x10 (see
“Dev0:F0:0x10” on page 37).
The size of GART virtual address space is always greater than or equal to the amount of
physical system memory allocated to AGP in non-contiguous 4-Kbyte blocks. The amount
of physical memory allocated to AGP is determined by operating system software.
[3]
[2]
[1]
VA_Size
0
0
0
32 Mbytes
0
0
1
64 Mbytes
0
1
0
128 Mbytes
0
1
1
256 Mbytes
1
0
0
512 Mbytes
1
0
1
1 Gbytes
1
1
0
2 Gbytes
0
GART_En
GART Enable
When clear, GART is not valid in this system. System BIOS does not allocate virtual address
space for GART because the host-PCI bridge (device 0) AGP virtual address space, offset
0x10 (see “Dev0:F0:0x10” on page 37) is set to 0. The PCI-PCI bridge (device 1) capabilities
pointer is set to point to the next item in the linked list or null if there is no other item. This
bit is set by BIOS PCI enumeration routines.
When set, GART is valid in this system. System BIOS allocates virtual address space for
GART based upon the value in bits [3:1] above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com