Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 32Page - Advanced Micro Devices AMD-761 Datasheet HTML 33Page - Advanced Micro Devices AMD-761 Datasheet HTML 34Page - Advanced Micro Devices AMD-761 Datasheet HTML 35Page - Advanced Micro Devices AMD-761 Datasheet HTML 36Page - Advanced Micro Devices AMD-761 Datasheet HTML 37Page - Advanced Micro Devices AMD-761 Datasheet HTML 38Page - Advanced Micro Devices AMD-761 Datasheet HTML 39Page - Advanced Micro Devices AMD-761 Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 264 page
background image
24
AMD-761™ System Controller Programmer’s Interface
Chapter 2
AMD-761™ System Controller Software/BIOS Design Guide
24081D—February 2002
Preliminary Information
Programming Notes
Bit Definitions
Configuration Address Register Type 1 (I/O:0CF8)
Bit
Name
Function
31
Config_En
Configuration Enable
0 = PCI configuration cycles are not generated.
1 = Accesses to the Configuration Data and Address registers are converted to
configuration cycles on the PCI.
30–24
Reserved
Reserved
23—16
PCI_Bus_Num
PCI Bus Number
This bit field defines which PCI bus in the system is referenced with this address. The
AMD-761™ system controller logically implements two PCI buses. The main PCI bus
normally enumerates as bus 0 and the AGP bus enumerates as bus 1.
15—11
Dev_Num
Device Number
This bit field defines which device is accessed in the system on the target PCI bus. This field
is passed on directly to the AD wires undecoded.
10—8
Func_Num
Function Number
This bit field defines which function is accessed in a given device. This field is passed on
directly to the AD wires undecoded.
7—2
Reg_Num
Register Number
This bit field defines which specific PCI register is accessed in the device and function
specified above.
1—0
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com