Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 49Page - Advanced Micro Devices AMD-761 Datasheet HTML 50Page - Advanced Micro Devices AMD-761 Datasheet HTML 51Page - Advanced Micro Devices AMD-761 Datasheet HTML 52Page - Advanced Micro Devices AMD-761 Datasheet HTML 53Page - Advanced Micro Devices AMD-761 Datasheet HTML 54Page - Advanced Micro Devices AMD-761 Datasheet HTML 55Page - Advanced Micro Devices AMD-761 Datasheet HTML 56Page - Advanced Micro Devices AMD-761 Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 264 page
background image
Chapter 2
AMD-761™ System Controller Programmer’s Interface
41
24081D—February 2002
AMD-761™ System Controller Software/BIOS Design Guide
Preliminary Information
AGP/PCI Capabilities Pointer
Dev0:F0:0x34
Register Description
Programming Notes
31
30
29
28
27
26
25
24
Bit
Reserved
Reset
00000000
R/W
R
23
22
21
20
19
18
17
16
Bit
Reserved
Reset
00000000
R/W
R
15
14
13
12
11
10
9
8
Bit
Reserved
Reset
00000000
R/W
R
7
6
5
4
3
2
1
0
Bit
CAP_PTR
Reset
10100000
R/W
R
Bit Definitions
AGP/PCI Capabilities Pointer (Dev0:0x34)
Bit
Name
Function
31–8
Reserved
Reserved
7–0
CAP_PTR
Capabilities Pointer
This field contains a byte offset into a device’s configuration space containing the first item
in the capabilities list. The first item in the capabilities list is the AGP function.
Note that when the AGP valid bit in the PCI-to-PCI bridge virtual address space register is
set to invalid, this capabilities pointer is set by the chipset to point to the next item in the
linked list. If no next item exists, then it is set to null.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com