Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 67Page - Advanced Micro Devices AMD-761 Datasheet HTML 68Page - Advanced Micro Devices AMD-761 Datasheet HTML 69Page - Advanced Micro Devices AMD-761 Datasheet HTML 70Page - Advanced Micro Devices AMD-761 Datasheet HTML 71Page - Advanced Micro Devices AMD-761 Datasheet HTML 72Page - Advanced Micro Devices AMD-761 Datasheet HTML 73Page - Advanced Micro Devices AMD-761 Datasheet HTML 74Page - Advanced Micro Devices AMD-761 Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 264 page
background image
Chapter 2
AMD-761™ System Controller Programmer’s Interface
59
24081D—February 2002
AMD-761™ System Controller Software/BIOS Design Guide
Preliminary Information
17—16
Cyc_Per_Ref
Cycles Per Refresh
Refresh counter defines period of refresh requests.
The following table shows the relationship between the values in this field and the
resultant refresh period for the different system clock frequencies:
15–8
Reserved
Reserved
7
CS7_X4Mode
Chip-Select 7 X4Mode Enable
0 = This chip select consists of non-x4 devices (disabled).
1 = This chip select consists of x4 devices (enabled).
6
CS6_X4Mode
Chip-Select 6 X4Mode Enable
0 = This chip select consists of non-x4 devices (disabled).
1 = This chip select consists of x4 devices (enabled).
5
CS5_X4Mode
Chip-Select 5 X4Mode Enable
0 = This chip select consists of non-x4 devices (disabled).
1 = This chip select consists of x4 devices (enabled).
4
CS4_X4Mode
Chip-Select 4 X4Mode Enable
0 = This chip select consists of non-x4 devices (disabled).
1 = This chip select consists of x4 devices (enabled).
3
CS3_X4Mode
Chip-Select 3 X4Mode Enable
0 = This chip select consists of non-x4 devices (disabled).
1 = This chip select consists of x4 devices (enabled).
2
CS2_X4Mode
Chip-Select 2 X4Mode Enable
0 = This chip select consists of non-x4 devices (disabled).
1 = This chip select consists of x4 devices (enabled).
1
CS1_X4Mode
Chip-Select 1 X4Mode Enable
0 = This chip select consists of non-x4 devices (disabled).
1 = This chip select consists of x4 devices (enabled).
0
CS0_X4Mode
Chip-Select 0 X4Mode Enable
0 = This chip select consists of non-x4 devices (disabled).
1 = This chip select consists of x4 devices (enabled).
Bit Definitions (Continued)
DRAM Mode/Status (Dev0:F0:0x58)
Bit
Name
Function
Value
66 MHz
100 MHz
133 MHz
00
30.72
µs
20.48
µs
15.36
µs
01
23.04
µs15.36 µs11.52 µs
10
15.36
µs10.24 µs
7.68
µs
11
7.68
µs
7.68
µs
3.84
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com