| Electronic Components Datasheet Search |
|
AMD-761 Datasheet(PDF) 74 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-761 Datasheet(HTML) 74 Page - Advanced Micro Devices |
|
74 / 264 page ![]() 62 AMD-761™ System Controller Programmer’s Interface Chapter 2 AMD-761™ System Controller Software/BIOS Design Guide 24081D—February 2002 Preliminary Information Bit Definitions BIU0 Status/Control (Dev0:F0:0x60) Bit Name Function 31 Prb_En Probe Enable 0 = Probes are not sent to this processor. 1 = Probes are sent to this processor. 30 Reserved This bit must be programmed to zero for normal operation. 29 Reserved This bit must be programmed to zero for normal operation. 28 Reserved This bit must be programmed to zero for normal operation. 27–25 Xca_Prb_Cnt Xca Probe Count This bit field represents the maximum number of consecutive AMD Athlon™ processor system bus grants for probe data movement types that are allowed before letting another type have the bus.BIOS must program this field to a non-zero value for proper operation. The recommended value to be loaded in this field by BIOS software is 0x2. 24–22 Xca_RD_Cnt Xca Read Count This bit field represents the maximum number of consecutive AMD Athlon processor system bus grants for read data movement types that are allowed before letting another type have the bus.BIOS must program this field to a non-zero value for proper operation. The recommended value to be loaded in this field by BIOS software is 0x6. 21–19 Xca_WR_Cnt Xca Write Count This bit field represents the maximum number of consecutive AMD Athlon processor system bus grants for write data movement types that are allowed before letting another type have the bus.BIOS must program this field to a non-zero value for proper operation. The recommended value to be loaded in this field by BIOS software is 0x6. 18 Halt_Discon_En Halt Disconnect Enable 0 = No AMD Athlon system bus disconnect is performed following HALT. 1 = AMD Athlon system bus disconnects after receiving a HALT special cycle. 17 Stp_Grant_ Discon_En Stop Grant Disconnect Enable 0 = No AMD Athlon processor system bus disconnect is performed following STOP/GRANT. 1 = AMD Athlon processor system bus disconnects after receiving a STOP/GRANT special cycle. 16–14 Prb_Limit Probe Limit BIOS software initializes this field with the maximum number of outstanding probes that the given CPU can handle. The default is a single probe. Encoding is as follows: 0b000 = 1 probe 0b001 = 2 probes ................................ 0b111 = 8 probes 13–10 Ack_Limit Ack Limit BIOS software reads this field to determine how many outstanding unacknowledged AMD Athlon processor system bus commands can be sent to the AMD-761™ system controller. The AMD-761 system controller allows a maximum of four unacknowledged commands. Encoding is as follows: 0b0000 = 1 unacknowledged command 0b0001 = 2 unacknowledged commands .......................................................... 0b1111 = 16 unacknowledged commands |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |