Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 87 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 87 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 83Page - Advanced Micro Devices AMD-761 Datasheet HTML 84Page - Advanced Micro Devices AMD-761 Datasheet HTML 85Page - Advanced Micro Devices AMD-761 Datasheet HTML 86Page - Advanced Micro Devices AMD-761 Datasheet HTML 87Page - Advanced Micro Devices AMD-761 Datasheet HTML 88Page - Advanced Micro Devices AMD-761 Datasheet HTML 89Page - Advanced Micro Devices AMD-761 Datasheet HTML 90Page - Advanced Micro Devices AMD-761 Datasheet HTML 91Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 264 page
background image
Chapter 2
AMD-761™ System Controller Programmer’s Interface
75
24081D—February 2002
AMD-761™ System Controller Software/BIOS Design Guide
Preliminary Information
Bit Definitions
Config Status (Dev0:F0:0x88)
Bit
Name
Function
31–29
AGP_Clk_Mux
AGP Clock Mux
For internal test only.
28–26
Sys_Clk_Mux
System Clock Mux
For internal test only.
25
Type_Det
Type Detect
0 = This installed card in the AGP slot uses 1.5-V signalling.
1 = This installed card in the AGP slot uses 3.3-V signalling.
24
S2K_Thresh
AMD Athlon™ Processor System Bus Threshold
AMD Athlon™ processor system bus threshold range select for AMD Athlon™ system bus
I/O cells. When Low, these AMD Athlon processor system bus inputs sense input
thresholds between 1.35 V and 1.9 V. When High, the inputs sense thresholds between 2.0
V and 2.2 V.
23
K7_PP_En
AMD Athlon Processor Push-Pull Driver Enable
When set, this bit indicates that the AMD Athlon processor push-pull drivers are enabled.
22
IG_PP_En
AMD-761™ System Controller Push-Pull Driver Enable
When set, this bit indicates that the AMD-761 system controller push-pull drivers are
enabled.
21–20
Clk_Speed
Clock Speed
This bit field defines the speed of the system clock received by the AMD-761 system
controller:
00 = 100 MHz
01 = 66 MHz
10 = Reserved
11 = 133 MHz
19–18
Reserved
Reserved
17–16
S2K0_Bus_Len
AMD Athlon Processor System Bus Length
This bit field indicates the relative length of the AMD Athlon processor system bus trace
routing on the motherboard.
00 = Short
01..............
10...............
1 = Long
15
Tristate_En
Tristate Enable
For internal test only.
14
NAND_En
NAND Enable
For internal test only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com