Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 63Page - Advanced Micro Devices AMD-761 Datasheet HTML 64Page - Advanced Micro Devices AMD-761 Datasheet HTML 65Page - Advanced Micro Devices AMD-761 Datasheet HTML 66Page - Advanced Micro Devices AMD-761 Datasheet HTML 67Page - Advanced Micro Devices AMD-761 Datasheet HTML 68Page - Advanced Micro Devices AMD-761 Datasheet HTML 69Page - Advanced Micro Devices AMD-761 Datasheet HTML 70Page - Advanced Micro Devices AMD-761 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 264 page
background image
Chapter 2
AMD-761™ System Controller Programmer’s Interface
55
24081D—February 2002
AMD-761™ System Controller Software/BIOS Design Guide
Preliminary Information
Programming Notes
This register is not initialized at reset. BIOS must initialize all bits in this register prior to setting the SDRAM_Init bit (See
“Bit Definitions DRAM Mode/Status (Dev0:F0:0x58)” on page 57) or attempting DRAM access for correct operation.
The required settings for the wait state bits for SBP_Wait_State and Rd_Wait_State are listed in Table 8.
1–0
tRCD
tRCD
This bit field (tRCD) is the timing value (RAS to CAS latency, delay from activate to RD/WR
command).
11 = 4 cycles
10 = 3 cycles (recommended “safe” configuration)
01 = 2 cycles
00 = 1 cycle
Table 8.
Wait State Settings for DRAM Timing Register
DDR Interface
Frequency
SBP_Wait_State [Bit 31]
Rd_Wait_State [Bit 28]
66 MHz
0
0
100 MHz
0
1
133 MHz
1
1
Bit Definitions (Continued)
DRAM Timing (Dev0:F0:0x54)
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com