Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 75Page - Advanced Micro Devices AMD-761 Datasheet HTML 76Page - Advanced Micro Devices AMD-761 Datasheet HTML 77Page - Advanced Micro Devices AMD-761 Datasheet HTML 78Page - Advanced Micro Devices AMD-761 Datasheet HTML 79Page - Advanced Micro Devices AMD-761 Datasheet HTML 80Page - Advanced Micro Devices AMD-761 Datasheet HTML 81Page - Advanced Micro Devices AMD-761 Datasheet HTML 82Page - Advanced Micro Devices AMD-761 Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 264 page
background image
Chapter 2
AMD-761™ System Controller Programmer’s Interface
67
24081D—February 2002
AMD-761™ System Controller Software/BIOS Design Guide
Preliminary Information
Programming Notes
Note that the Self_Ref_En bit in this register is not initialized at reset time but must be initialized by BIOS for proper
operation. This action should be done prior to attempting DRAM access.
DCSTOP# assertion (ACPI S1/S3) must not be enabled if the Self_Ref_En bit is cleared.
Bit Definitions
Memory Status/Control (Dev0:F0:0x70)
Bit
Name
Function
31–19
Reserved
Reserved
18
Self_Ref_En
Self-Refresh Enable
This bit enables self-refresh when entering certain power management states. This bit
should normally be set, but the option to disable this function is provided to
accommodate specific DIMMs that do not correctly support the self-refresh feature. Note
that if this bit is not set, then DCSTOP# assertion (ACPI sleep states) must be inhibited.
0 = Self-refresh disabled
1 = Self-refresh enabled
17–14
Reserved
13
Reserved
12–11
Reserved
Reserved
10
PCI_Pipe_En
PCI Pipe Enable
0 = All PCI transactions, from either the PCI or AGP interfaces, force the memory
controller to check for outstanding read probes with a matching block address and
stall until these probes are complete.
1 = Memory controller pipelines PCI transactions.
Setting this bit generally increases PCI throughput. This bit must be clear when the
processor is allowed to issue CleanVictimBlock commands.
9PCI_Blk_WR_En
PCI Block Write Enable
0 = PCI full-block writes do RID/INV probes, forcing the memory controller to wait for
probe data movement.
1 = PCI full-block writes do NOP/INV probes.
This bit must be clear when the AMD Athlon™ processor is allowed to issue
CleanVictimBlock commands.
8–1
Reserved
Reserved
0
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com