Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 82Page - Advanced Micro Devices AMD-761 Datasheet HTML 83Page - Advanced Micro Devices AMD-761 Datasheet HTML 84Page - Advanced Micro Devices AMD-761 Datasheet HTML 85Page - Advanced Micro Devices AMD-761 Datasheet HTML 86Page - Advanced Micro Devices AMD-761 Datasheet HTML 87Page - Advanced Micro Devices AMD-761 Datasheet HTML 88Page - Advanced Micro Devices AMD-761 Datasheet HTML 89Page - Advanced Micro Devices AMD-761 Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 264 page
background image
74
AMD-761™ System Controller Programmer’s Interface
Chapter 2
AMD-761™ System Controller Software/BIOS Design Guide
24081D—February 2002
Preliminary Information
Config Status
Dev0:F0:0x88
Register Description
This register allows BIOS software to determine what system initialization states have been programmed by resistor
pinstrappings on the motherboard.
31
30
29
28
27
26
25
24
Bit
AGP_Clk_Mux
Sys_Clk_Mux
Type_Det
S2K_Thresh
Reset
x (from PCI AD[14:12])
x (from PCI AD[7:5])
x (from PCI
AD[20])
x (from PCI
AD[4])
R/W
R
23
22
21
20
19
18
17
16
Bit
K7_PP_En
IG_PP_En
Clk_Speed
Reserved
S2K0_Bus_Len
Reset
x (from PCI
C/BE[3]#)
x (from PCI
C/BE[2]#)
x (from PCI AD[31:30])
x (from PCI AD[27:26])
x (from PCI AD[11:10])
R/W
R
15
14
13
12
11
10
9
8
Bit
Tristate_En
NAND_En
Bypass_PLLs
Dis_Divider
Reserved
Reset
x (from PCI
AD[25])
x (from PCI
AD[23])
x (from PCI
AD[9])
x (from PCI
AD[29])
x (from PCI AD[19:16])
R/W
R
7
6
5
4
3
2
1
0
Bit
SIP_ROM_En
GP_Strap
In_Clk_En
Out_Clk_En
CPU0_Divider
Reset
x(from PCI
C/BE[0]#)
x (from PCI
AD[15])
x (from PCI
AD[24])
x (from PCI
AD[8])
x (from PCI AD[3:0])
R/W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com