Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 60Page - Advanced Micro Devices AMD-761 Datasheet HTML 61Page - Advanced Micro Devices AMD-761 Datasheet HTML 62Page - Advanced Micro Devices AMD-761 Datasheet HTML 63Page - Advanced Micro Devices AMD-761 Datasheet HTML 64Page - Advanced Micro Devices AMD-761 Datasheet HTML 65Page - Advanced Micro Devices AMD-761 Datasheet HTML 66Page - Advanced Micro Devices AMD-761 Datasheet HTML 67Page - Advanced Micro Devices AMD-761 Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 264 page
background image
52
AMD-761™ System Controller Programmer’s Interface
Chapter 2
AMD-761™ System Controller Software/BIOS Design Guide
24081D—February 2002
Preliminary Information
Bit Definitions
DRAM Timing (Dev0:F0:0x54)
Bit
Name
Function
31
SBP_Wait_State
Super Bypass Wait State
This bit forces a wait state on all super bypass reads. This bit should be set when the bus
speed is 133 MHz (refer to Table 8 on page 55).
0 = No additional wait state on super bypass reads
1 = Add wait state on super bypass reads
30
AddrTiming_A
Address Timing for Copy-A
This bit determines whether an extra delay is added to the address and command buses
(MAA[14:0], RASA#, CASA#; WEA#, CKEA, CS[5:4, 1:0]#). This bit should be programmed
depending on the loading presented to these pins.
0 = No extra delay
1 = XX ps delay
29
AddrTiming_B
Address Timing for Copy-B
This bit determines whether an extra delay is added to the address and command buses
(MAB[14:0], RASB#, CASB#; WEB#, CKEB, CS[7:6, 3:2]#). This bit should be programmed
depending on the loading presented to these pins.
0 = No extra delay
1 = XX ps delay
28
RD_Wait_State
Read Wait State
This bit determines whether a wait state must be added before returning the read data
from the memory to the requester. This bit should be programmed depending on the
overall round-trip timing.
Note that this bit must be set for 100-MHz and 133-MHz operation, but it must not be set
for 66-MHz operation (refer to Table 8).
0 = No wait states
1 = One wait state
27
Reg_DIMM_En
Registered DIMM Enable
This bit enables the use of registered DIMMs on the motherboard.
AMD-761™ system controller 0 = Unbuffered DIMMs
1 = Registered DIMMs
26
tWTR
Write Data In to Read Command Delay
This bit controls the number of clock cycles that must occur between the last valid write
operation and the next read command.
0 = tWTR duration is 1 clock cycle.
1 = tWTR duration is 2 clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com