Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 77 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 77 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 73Page - Advanced Micro Devices AMD-761 Datasheet HTML 74Page - Advanced Micro Devices AMD-761 Datasheet HTML 75Page - Advanced Micro Devices AMD-761 Datasheet HTML 76Page - Advanced Micro Devices AMD-761 Datasheet HTML 77Page - Advanced Micro Devices AMD-761 Datasheet HTML 78Page - Advanced Micro Devices AMD-761 Datasheet HTML 79Page - Advanced Micro Devices AMD-761 Datasheet HTML 80Page - Advanced Micro Devices AMD-761 Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 264 page
background image
Chapter 2
AMD-761™ System Controller Programmer’s Interface
65
24081D—February 2002
AMD-761™ System Controller Software/BIOS Design Guide
Preliminary Information
Programming Notes
Bit Definitions
BIU0 SIP (Dev0:F0:0x64)
Bit
Name
Function
31
Clk_Fwd_Offset
Clock Forward Offset
0 = The AMD-761™ system controller delays driving of the data and clock for
AMD Athlon™ processor system bus SysData bits [31:16] and [63:48] by ~1000 ps.
1 = All AMD Athlon system bus ClkFWD groups drive the same nominally SysClk edge.
30–29
Data_Init_Cnt
Data Initialization Count
This value specifies the number of SysClks from the launch of data by the processor until it
can be read from the AMD-761 system controller receive FIFO.
28–27
Addr_Init_Cnt
Address Initialization Count
This value specifies the number of SysClks from the launch of a command by the
processor until it can be read from the AMD-761 system controller receive FIFO.
26–24
Sys_Data_Even
_Clk_Dly
System Data Even Clock Delay -- AMD Athlon processor SIP[33:31]
This value specifies the number of processor XICLK phases between the nominal start of
bit time and the launch of the even clocks.
23–21
Sys_Data_Odd
_Clk_Dly
System Data Odd Clock Delay -- AMD Athlon processor SIP[30:28]
This value specifies the number of processor XICLK phases between the nominal start of
bit time and the launch of the odd clocks.
20–19
Sys_Data_Even
_Dly
System Data Even Delay -- AMD Athlon processor SIP[27:26]
This value specifies the number of processor XICLK phases between the nominal start of
bit time and the launch of the even data (SysData bits [31:16] and [63:48]).
18–17
Sys_Data_Odd
_Dly
System Data Odd Delay -- AMD Athlon processor SIP[25:24]
This value specifies the number of processor XICLK phases between the nominal start of
bit time and the launch of the odd data (SData bits [15:00] and [47:32]).
16–15
Sys_Addr_Dly
System Address Delay -- AMD Athlon processor SIP[23:22]
This value specifies the number of processor XICLK phases between the nominal start of
bit time and the launch of the address (SysAddOut).
14–11
SysDC_Dly
SysDC Delay -- AMD Athlon processor SIP[19:16]
This value is an internal processor parameter that is used to cause SYSDC commands and
their associated data to arrive in the processor core at the correct relative times.
10–8
Sys_Addr_Clk
_Dly
System Addr Clock Delay -- AMD Athlon processor SIP[13:11]
This value specifies the number of processor XICLK phases between the nominal start of
bit time and the launch of the SADDOUTCLK.
7–6
Sys_Rst_Clk
_Offset
System Reset Clock Offset -- AMD Athlon processor SIP[10:9]
This value is an internal processor parameter that is used to properly time AMD Athlon
system bus data transfer.
5–3
Sys_Data_Rec
_Mux_PreLd
System Data Rec Mux PreLd -- AMD Athlon processor SIP[8:6]
This value specifies the number of SysClk phases from the launch of data by the AMD-761
system controller until it can be read from the AMD Athlon receive FIFO.
2–0
Sys_Addr_Rec
_Mux_PreLd
System Address Rec Mux PreLd -- AMD Athlon processor SIP[5:3]
This value specifies the number of SysClk phases from the launch of address/command by
the AMD-761 system controller until it can be read from the AMD Athlon receive FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com