Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 44Page - Advanced Micro Devices AMD-761 Datasheet HTML 45Page - Advanced Micro Devices AMD-761 Datasheet HTML 46Page - Advanced Micro Devices AMD-761 Datasheet HTML 47Page - Advanced Micro Devices AMD-761 Datasheet HTML 48Page - Advanced Micro Devices AMD-761 Datasheet HTML 49Page - Advanced Micro Devices AMD-761 Datasheet HTML 50Page - Advanced Micro Devices AMD-761 Datasheet HTML 51Page - Advanced Micro Devices AMD-761 Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 264 page
background image
36
AMD-761™ System Controller Programmer’s Interface
Chapter 2
AMD-761™ System Controller Software/BIOS Design Guide
24081D—February 2002
Preliminary Information
PCI Latency Timer and Header Type
Dev0:F0:0x0C
Register Description
Programming Notes
31
30
29
28
27
26
25
24
Bit
Reserved
Reset
00000000
R/W
R
23
22
21
20
19
18
17
16
Bit
Header_Type
Reset
00000000
R/W
R
15
14
13
12
11
10
9
8
Bit
Lat_Timer
Reset
00000000
R/W
R/W
7
6
5
4
3
2
1
0
Bit
Reserved
Reset
00000000
R/W
R
Bit Definitions
PCI Latency Timer and Header type (Dev0:F0:0x0C)
Bit
Name
Function
31–24
Reserved
Reserved
23–16
Header_Type
Header Type
Bit 23 is always 0, indicating that the AMD-761™ system controller is a single function device.
Bits [22:16] are 0, indicating that Type 00 configuration space header format is supported.
15–8
Lat_Timer
Latency Timer
This bit field defines the minimum amount of time in PCI clock cycles that the bus master
can retain ownership of the bus. This action is mandatory for masters that are capable of
performing a burst consisting of more than two data phases.
7–0
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com