Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 34Page - Advanced Micro Devices AMD-761 Datasheet HTML 35Page - Advanced Micro Devices AMD-761 Datasheet HTML 36Page - Advanced Micro Devices AMD-761 Datasheet HTML 37Page - Advanced Micro Devices AMD-761 Datasheet HTML 38Page - Advanced Micro Devices AMD-761 Datasheet HTML 39Page - Advanced Micro Devices AMD-761 Datasheet HTML 40Page - Advanced Micro Devices AMD-761 Datasheet HTML 41Page - Advanced Micro Devices AMD-761 Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 264 page
background image
26
AMD-761™ System Controller Programmer’s Interface
Chapter 2
AMD-761™ System Controller Software/BIOS Design Guide
24081D—February 2002
Preliminary Information
2.4.2
Configuration Register Access
The AMD-761 system controller implements most registers as
PCI configuration registers. The x86 software executes IN and
OUT instructions to I/O addresses of 0CF8 and 0CFC to access
all configuration registers. These are translated by the
AMD Athlon™ processor into AMD Athlon processor system bus
RdBytes and WrBytes commands with the lower 24 bits of the
address field containing the logical contents of the ConfigAddr
register (I/O address 0CF8). The format of this register is shown
in “I/O:0CF8” on page 21 and “I/O:0CF8” on page 23.
Configuration accesses in the AMD-761 system controller
conform to the following rules:
„
The AMD-761 system controller is defined to be function 0
and 1, device 0; and function 0, device 1. The IDSEL pin of
all external PCI devices must be wired to 1 of AD[31:13] as
logically [12:11] are assigned to device 0, 1 (AMD-761
system controller).
„
Function 1, device 0 configuration space contains only the
DDR Programmable Delay Line (PDL) registers. This space
is enabled only when the appropriate bit is set in the PCI
Control register (see “Dev0:F0:0x4C” on page 47). Accesses
to the normal reserved PCI space of function 1 yields all 1s.
Accesses to function 1 are ignored when function 1 is not
enabled.
„
Device 0 accesses correspond to the host to PCI bridge
registers defined in Section 2.4.3 on page 27.
„
Device 1 accesses correspond to the PCI-to-PCI bridge
registers defined in Section 2.4.5 on page 117.
„
Access can be byte, word or DWord in length and must be
naturally aligned.
Northbridges are required to create type 0 and type 1 accesses
as follows:
„
If SysAdd[23:16] = 0 (Bus# = 2'h00), a type 0 config cycle is
generated and PCI AD[1:0] = 2'b00. Device#, SysAdd[15:11]
is decoded and asserted on PCI AD[31:11] for IDSEL.
„
If SysAdd[23:16] != 0 (Bus# != 2'h00), a type 1 config cycle is
generated and PCI AD[1:0] = 2'b01. Bus# and Device# fields
are passed onto the PCI directly with no decoding. PCI
AD[31:24] = 2'h00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com