Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 75 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 75 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 71Page - Advanced Micro Devices AMD-761 Datasheet HTML 72Page - Advanced Micro Devices AMD-761 Datasheet HTML 73Page - Advanced Micro Devices AMD-761 Datasheet HTML 74Page - Advanced Micro Devices AMD-761 Datasheet HTML 75Page - Advanced Micro Devices AMD-761 Datasheet HTML 76Page - Advanced Micro Devices AMD-761 Datasheet HTML 77Page - Advanced Micro Devices AMD-761 Datasheet HTML 78Page - Advanced Micro Devices AMD-761 Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 264 page
background image
Chapter 2
AMD-761™ System Controller Programmer’s Interface
63
24081D—February 2002
AMD-761™ System Controller Software/BIOS Design Guide
Preliminary Information
Programming Notes
9
Bypass_En
Bypass Enable
When set, the AMD-761™ system controller internally bypasses certain memory pipe
stages for optimal performance. This bit may be set only if both of the following are true:
1. System is single processor or it is two processors and only CPU0 is present, and
2. CPU clock multiplier is 4 or greater. See “Config Status” on page 74 to determine the
clock multiplier (FID).
8–7
SysDC_Out_Dly
SysDC Out Delay
This bit field specifies the number of SysClk cycles from a return of read data type SysDC
command and the start of the corresponding data.
0b00 = Reserved
0b01 = 1 clock
0b10 = 2 clocks
0b11 = 3 clocks
This field is initialized by pinstrapping during reset.
6–3
SysDC_In_Dly
SysDC In Delay
This bit field specifies the number of SysClk cycles from a write data type SysDC command
and the start of the corresponding data.
0b0000 = 1 clock
0b0001 = 2 clocks
.............................
0b1111 = 16 clocks
This field is initialized by pinstrapping during reset.
2WR2_RD
WR2 Read
This field defines the number of SysClk cycles that are inserted between write data and
read data cycles to allow the AMD Athlon™ processor system bus data wires to turn
around. This field is initialized by pinstrapping during reset.
1–0
RD2_WR
RD2 Write
This field defines the number of SysClk cycles that are inserted between read data and
write data cycles to allow the AMD Athlon processor system bus data wires to turn
around. This field is initialized by pinstrapping during reset.
Bit Definitions (Continued)
BIU0 Status/Control (Dev0:F0:0x60)
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com