Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 48Page - Advanced Micro Devices AMD-761 Datasheet HTML 49Page - Advanced Micro Devices AMD-761 Datasheet HTML 50Page - Advanced Micro Devices AMD-761 Datasheet HTML 51Page - Advanced Micro Devices AMD-761 Datasheet HTML 52Page - Advanced Micro Devices AMD-761 Datasheet HTML 53Page - Advanced Micro Devices AMD-761 Datasheet HTML 54Page - Advanced Micro Devices AMD-761 Datasheet HTML 55Page - Advanced Micro Devices AMD-761 Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 264 page
background image
40
AMD-761™ System Controller Programmer’s Interface
Chapter 2
AMD-761™ System Controller Software/BIOS Design Guide
24081D—February 2002
Preliminary Information
Programming Notes
Bit Definitions
Base Address 1: GART Memory-Mapped Register Base (Dev0:F0:0x14)
Bit
Name
Function
31–12
Base_Addr_High
Base Address High
This bit field forms the upper part of BAR1. This field is loaded by BIOS software.
11–4
Base_Addr_Low
Base Address Low
This bit field is hardwired to return 0s to indicate that 4 Kbytes are allocated to GART
memory-mapped control registers and that the registers always reside in a 4-Kbyte
boundary per PCI Local Bus Specification, Revision 2.2.
3
Prefetchable
Prefetchable
This bit is hardwired to 1 to indicate that this range is prefetchable
2–1
Type
Type
This bit field is hardwired to indicate that this base register is 32 bits wide and mapping
can be performed anywhere in the 32-bit address space.
0Memory
Memory
This bit is hardwired to 0 to indicate that this base address register maps into memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com