Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 68Page - Advanced Micro Devices AMD-761 Datasheet HTML 69Page - Advanced Micro Devices AMD-761 Datasheet HTML 70Page - Advanced Micro Devices AMD-761 Datasheet HTML 71Page - Advanced Micro Devices AMD-761 Datasheet HTML 72Page - Advanced Micro Devices AMD-761 Datasheet HTML 73Page - Advanced Micro Devices AMD-761 Datasheet HTML 74Page - Advanced Micro Devices AMD-761 Datasheet HTML 75Page - Advanced Micro Devices AMD-761 Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 264 page
background image
60
AMD-761™ System Controller Programmer’s Interface
Chapter 2
AMD-761™ System Controller Software/BIOS Design Guide
24081D—February 2002
Preliminary Information
Programming Notes
Note that some bits of this register are not initialized at reset time, and all bits must be initialized by BIOS for proper
operation. This action should be done prior to attempting DRAM access.
The Clk_Dis bits are cleared by RESET#, and therefore all DDR DRAM interface clock pairs are enabled when exiting the
Advanced Configuration and Power Interface (ACPI) S3 sleep state (suspend to RAM). BIOS should disable any clock pairs
that are connected to unpopulated DIMM slots upon exit of S3.
When a chip select is programmed to operate in x4 DIMM mode, the DM[8:0] pins become DQS pins for that chip select.
The pad configuration for the DM[8:0] pins is automatically controlled by the DQS_Drive field (Dev 0:F0:0x40) instead of
the MDAT_Drive field, when any chip select is configured for x4 DIMM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com