Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 11Page - Advanced Micro Devices AMD-761 Datasheet HTML 12Page - Advanced Micro Devices AMD-761 Datasheet HTML 13Page - Advanced Micro Devices AMD-761 Datasheet HTML 14Page - Advanced Micro Devices AMD-761 Datasheet HTML 15Page - Advanced Micro Devices AMD-761 Datasheet HTML 16Page - Advanced Micro Devices AMD-761 Datasheet HTML 17Page - Advanced Micro Devices AMD-761 Datasheet HTML 18Page - Advanced Micro Devices AMD-761 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 264 page
background image
Chapter 1
Overview
3
24081D—February 2002
AMD-761™ System Controller Software/BIOS Design Guide
Preliminary Information
Function 1 Space
The configuration registers that control the memory interface’s
Programmable Delay Lines (PDLs) and I/O drive strengths are
mapped to device 0: function 1 in the host bridge. This
configuration space is disabled by default and requires a write
to the PCI Control register’s Func1_En (Dev 0:F0:0x4C, bit 0).
The intent of this separate configuration space is that it is
configured at initial power-on, subsequently disabled, and
essentially protected from further writes.
„
Note that the AMD-761 system controller does not report as
a multifunction device (bit 7 is not set in the Header_Type
field in the PCI Latency Timer and Header Type register in
Dev 0:F0:0x0C).
„
Reads to the PCI header that normally occupies offsets 00h–
3Fh return all 1s—that is, the normal PCI header registers
are not implemented.
Memory-Mapped
BARs
Five DWORD registers are accessed by the AMD-761 system
controller AGP miniport driver as memory-mapped space. This
space is defined by the Base Address 1: GART Memory-
Mapped Register Base (Dev 0:F0:0x14), which provides address
bits [31:12] of the memory-mapped space. Note that this space
is defined as a 4-Kbyte region, hence the lower address bits
[11:4] are 0s.
This register must be properly programmed by BIOS to allow
the driver to access the memory-mapped space.
Memory Holes
Legacy memory holes are decoded in the normal region of main
memory from 640 Kbyte to 1 Mbyte. The AMD-761 system
controller does not allow PCI masters to access DRAM in this
region unless the EV6_Mode bit is set in the PCI Arbitration
Control Register. See “Bit Definitions PCI Arbitration Control
(Dev0:F0:0x84)” on page 71.
AGP Override Bits
for 4X Rate
and Fast Writes
The AGP Status register (Dev 0:F0:0xA4) reports the AMD-761
system controller’s capability to support AGP fast writes and
the AGP-4X rate. The operating system normally reads these
bits along with the same bits in the AGP card’s status register,
and uses this information to configure the AGP Command
register (Dev 0:F0:0xA8) in the AMD-761 system controller and
the AGP card.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com