Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 95 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 95 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 91Page - Advanced Micro Devices AMD-761 Datasheet HTML 92Page - Advanced Micro Devices AMD-761 Datasheet HTML 93Page - Advanced Micro Devices AMD-761 Datasheet HTML 94Page - Advanced Micro Devices AMD-761 Datasheet HTML 95Page - Advanced Micro Devices AMD-761 Datasheet HTML 96Page - Advanced Micro Devices AMD-761 Datasheet HTML 97Page - Advanced Micro Devices AMD-761 Datasheet HTML 98Page - Advanced Micro Devices AMD-761 Datasheet HTML 99Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 264 page
background image
Chapter 2
AMD-761™ System Controller Programmer’s Interface
83
24081D—February 2002
AMD-761™ System Controller Software/BIOS Design Guide
Preliminary Information
Programming Notes
Bit Definitions
AGP Command (Dev0:F0:0xA8)
Bit
Name
Function
31–10
Reserved
Reserved
9
SBA_En
Sideband Addressing Enable
When this bit is set, sideband addressing is enabled.
8AGP_En
AGP Operations Enable
When this bit is set, the AMD-761™ system controller accepts AGP operations. When this
bit is clear, the AMD-761 system controller ignores AGP operations.
7–6
Reserved
Reserved
5R4G_En
4GB Address Indicator
This bit indicates that the AMD-761 system controller does not support addresses greater
than 4 Gbytes. The AMD-761 system controller supports only 32-bit addresses.
4
Fast_Writes
Fast Writes
0 = Fast writes disabled
1 = Fast writes enabled when the FW_Enable bit is also set in the AGP 4X Dynamic
Compensation register (Dev 0:F0:0xB4, bit 7)
3
Reserved
Reserved
2–0
Data_Transfer
_Mode
Data Transfer Mode
Only one bit must be set in this field to indicate the desired AGP data transfer rate.
001 = 1X AGP rate
010 = 2X AGP rate
100 = 4X AGP rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com