Electronic Components Datasheet Search
  English  ▼

X  

AMD-761 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 10Page - Advanced Micro Devices AMD-761 Datasheet HTML 11Page - Advanced Micro Devices AMD-761 Datasheet HTML 12Page - Advanced Micro Devices AMD-761 Datasheet HTML 13Page - Advanced Micro Devices AMD-761 Datasheet HTML 14Page - Advanced Micro Devices AMD-761 Datasheet HTML 15Page - Advanced Micro Devices AMD-761 Datasheet HTML 16Page - Advanced Micro Devices AMD-761 Datasheet HTML 17Page - Advanced Micro Devices AMD-761 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 264 page
background image
2
Overview
Chapter 1
AMD-761™ System Controller Software/BIOS Design Guide
24081D—February 2002
Preliminary Information
1.1
General BIOS Initialization Requirements
The following sections provide general requirements for BIOS
when pr o g ra mmi ng the AMD-761 sy stem contr o l l e r
configuration registers. Note that the register descriptions also
include some specific programming notes.
1.1.1
AMD-761™ Configuration Spaces
The AMD-761 system controller contains both I/O and memory-
mapped configuration spaces as listed below.
„
I/O Mapped Space
•
PCI configuration space address and data (CF8h, CFCh)
•
Host bridge registers mapped in PCI configuration
space, device 0, function 0
•
DDR interface PDL and I/O controls mapped in PCI
configuration space to device 0, function 1
•
PCI to PCI bridge/AGP registers mapped in PCI
configuration space to device 1, function 0
„
GART Memory-Mapped Registers
•
Mapped
in
memory
space
as
defined
by
the
programming of Base Address 1: GART Memory Mapped
Register Base
1.1.2
Special Configuration Sequencing Requirements
This section outlines a few cases in the AMD-761 system
controller configuration registers that require special handling
for proper BIOS programming.
Configuration Cycles
Enable
The AMD-761 system controller supports configuration
address space as defined by the PCI Local Bus Specification,
Revision 2.2, which defines a unique 256-byte space that is
accessed through two 32-bit index registers mapped in I/O
space.
As defined in the PCI specification, configuration cycles are
generated on the PCI bus only when bit 31 of the Configuration
Address register is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com