Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 102 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 102 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 98Page - Texas Instruments TMS320F Datasheet HTML 99Page - Texas Instruments TMS320F Datasheet HTML 100Page - Texas Instruments TMS320F Datasheet HTML 101Page - Texas Instruments TMS320F Datasheet HTML 102Page - Texas Instruments TMS320F Datasheet HTML 103Page - Texas Instruments TMS320F Datasheet HTML 104Page - Texas Instruments TMS320F Datasheet HTML 105Page - Texas Instruments TMS320F Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 389 page
background image
Instruction Set Summary
7-2
7.1
Instruction Set Summary
This section provides six tables (Table 7–1 to Table 7–6) that summarize the
instruction set according to the following functional headings:
- Accumulator, arithmetic, and logic instructions (see Table 7–1 on page
7-5)
- Auxiliary register and data page pointer instructions (see Table 7–2 on
page 7-7)
- TREG, PREG, and multiply instructions (see Table 7–3 on page 7-8)
- Branch instructions (see Table 7–4 on page 7-9)
- Control instructions (see Table 7–5 on page 7-10)
- I/O and memory operations (see Table 7–6 on page 7-11)
Within each table, the instructions are arranged alphabetically. The number of
words that an instruction occupies in program memory is specified in column
three of each table; the number of cycles that an instruction requires to execute
is in column four. All instructions are assumed to be executed from internal
program memory (RAM) and internal data dual-access memory. The cycle
timings are for single-instruction execution, not for repeat mode. Additional
information about each instruction is presented in the individual instruction
descriptions in Section 7.2 on page 7-12.
For your reference, here are the definitions of the symbols used in the six
summary tables:
ACC
The accumulator
AR
The auxiliary register
ARX
A 3-bit value used in the LAR and SAR instructions to desig-
nate which auxiliary register will be loaded (LAR) or have its
contents stored (SAR)
BITX
A 4-bit value (called the bit code) that determines which bit of
a designated data memory value will be tested by the BIT
instruction
CM
A 2-bit value. The CMPR instruction performs a comparison
specified by the value of CM:
If CM = 00, test whether current AR = AR0
If CM = 01, test whether current AR < AR0
If CM = 10, test whether current AR > AR0
If CM = 11, test whether current AR
≠ AR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com