Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 103 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 103 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 99Page - Texas Instruments TMS320F Datasheet HTML 100Page - Texas Instruments TMS320F Datasheet HTML 101Page - Texas Instruments TMS320F Datasheet HTML 102Page - Texas Instruments TMS320F Datasheet HTML 103Page - Texas Instruments TMS320F Datasheet HTML 104Page - Texas Instruments TMS320F Datasheet HTML 105Page - Texas Instruments TMS320F Datasheet HTML 106Page - Texas Instruments TMS320F Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 389 page
background image
Instruction Set Summary
7-3
Assembly Language Instructions
IAAA AAAA
(One I followed by seven As) The I at the left represents a bit
that reflects whether direct addressing (I = 0) or indirect ad-
dressing (I = 1) is being used. When direct addressing is used,
the seven As are the seven least significant bits (LSBs) of a
data memory address. For indirect addressing, the seven As
are bits that control auxiliary register manipulation (see Sec-
tion 6.3,
Indirect Addressing Mode, on page 6-9).
IIII IIII
(Eight Is) An 8-bit constant used in short immediate addres-
sing
I IIII IIII
(Nine Is) A 9-bit constant used in short immediate addressing
for the LDP instruction
I IIII IIII IIII
(Thirteen Is) A 13-bit constant used in short immediate
addressing for the MPY instruction
I NTR#
A 5-bit value representing a number from 0 to 31. The INTR
instruction uses this number to change program control to one
of the 32 interrupt vector addresses.
PM
A 2-bit value copied into the PM bits of status register ST1 by
the SPM instruction
SHF
A 3-bit left-shift value
SHFT
A 4-bit left-shift value
TP
A 2-bit value used by the conditional execution instructions to
represent four conditions:
BIO pin low
TP = 00
TC bit =1
TP = 01
TC bit = 0
TP = 10
No condition
TP = 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com