Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 157 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 157 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 153Page - Texas Instruments TMS320F Datasheet HTML 154Page - Texas Instruments TMS320F Datasheet HTML 155Page - Texas Instruments TMS320F Datasheet HTML 156Page - Texas Instruments TMS320F Datasheet HTML 157Page - Texas Instruments TMS320F Datasheet HTML 158Page - Texas Instruments TMS320F Datasheet HTML 159Page - Texas Instruments TMS320F Datasheet HTML 160Page - Texas Instruments TMS320F Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 389 page
background image
Call Subroutine at Location Specified by Accumulator
CALA
7-57
Assembly Language Instructions
Syntax
CALA
Operands
None
Opcode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
0
0
0
1
1
0
0
0
1
1
1
1
1
0
1
Execution
PC + 1
→ TOS
ACC(15:0)
→ PC
Status Bits
None
Description
The current program counter (PC) is incremented and pushed onto the top of
the stack (TOS). Then, the contents of the lower half of the accumulator are
loaded into the PC. Execution continues at this address.
The CALA instruction is used to perform computed subroutine calls.
Words
1
Cycles for a Single CALA Instruction
ROM
DARAM
SARAM
External
4
4
4
4+3p
Note:
When this instruction reaches the execute phase of the pipeline, two additional instruc-
tion words have entered the pipeline. When the PC discontinuity is taken, these two
instruction words are discarded.
Example
CALA
Before Instruction
After Instruction
PC
25h
PC
83h
ACC
83h
ACC
83h
TOS
100h
TOS
26h
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com