Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 158 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 158 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 154Page - Texas Instruments TMS320F Datasheet HTML 155Page - Texas Instruments TMS320F Datasheet HTML 156Page - Texas Instruments TMS320F Datasheet HTML 157Page - Texas Instruments TMS320F Datasheet HTML 158Page - Texas Instruments TMS320F Datasheet HTML 159Page - Texas Instruments TMS320F Datasheet HTML 160Page - Texas Instruments TMS320F Datasheet HTML 161Page - Texas Instruments TMS320F Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 389 page
background image
CALL
Call Unconditionally
7-58
Syntax
CALL
pma [, ind [, ARn] ]
Indirect addressing
Operands
pma:
16-bit program-memory address
n:
Value from 0 to 7 designating the next auxiliary register
ind:
Select one of the following seven options:
*
*+
*–
*0+
*0–
*BR0+
*BR0–
CALL
pma [, ind [, ARn] ]
15
14
13
12
11
10
987
6543
210
0
1
1
1
1
0
1
0
1
ARU
N
NAR
pma
Note:
ARU, N, and NAR are defined in section 6.3,
Indirect Addressing Mode (page 6-9).
Execution
PC + 2
→ TOS
pma
→ PC
Modify (current AR) and (ARP) as specified.
Status Bits
None
Description
The current program counter (PC) is incremented and pushed onto the top of
the stack (TOS). Then, the contents of the pma, either a symbolic or numeric
address, are loaded into the PC. Execution continues at this address. The cur-
rent auxiliary register and ARP contents are modified as specified.
Words
2
Cycles for a Single CALL Instruction
ROM
DARAM
SARAM
External
4
4
4
4+4p†
Note:
When this instruction reaches the execute phase of the pipeline, two additional instruc-
tion words have entered the pipeline. When the PC discontinuity is taken, these two
instruction words are discarded.
Example
CALL
191,*+,AR0
Before Instruction
After Instruction
ARP
1
ARP
0
AR1
05h
AR1
06h
PC
30h
PC
0BFh
TOS
100h
TOS
32h
Program address 0BFh (191) is loaded into the program counter, and the pro-
gram continues executing from that location.
Opcode
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com