Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 159 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 159 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 155Page - Texas Instruments TMS320F Datasheet HTML 156Page - Texas Instruments TMS320F Datasheet HTML 157Page - Texas Instruments TMS320F Datasheet HTML 158Page - Texas Instruments TMS320F Datasheet HTML 159Page - Texas Instruments TMS320F Datasheet HTML 160Page - Texas Instruments TMS320F Datasheet HTML 161Page - Texas Instruments TMS320F Datasheet HTML 162Page - Texas Instruments TMS320F Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 389 page
background image
Call Conditionally
CC
7-59
Assembly Language Instructions
Syntax
CC
pma, cond 1 [,cond 2] [,...]
Operands
pma:
16-bit program-memory address
cond
Condition
EQ
ACC = 0
NEQ
ACC
≠ 0
LT
ACC < 0
LEQ
ACC
≤ 0
GT
ACC > 0
GEQ
ACC
≥ 0
NC
C = 0
C
C = 1
NOV
OV = 0
OV
OV = 1
BIO
BIO low
NTC
TC = 0
TC
TC = 1
UNC
Unconditionally
Opcode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
ZLVC
ZLVC
TP
0
1
0
1
1
1
pma
Note:
The TP and ZLVC fields are defined on pages 7-3 and 7-4.
Execution
If
cond 1 AND cond 2 AND ...
Then
PC + 2
→ TOS
pma
→ PC
Else
Increment PC
Status Bits
None
Description
Control is passed to the specified program-memory address (pma) if the speci-
fied conditions are met. Not all combinations of conditions are meaningful. For
example, testing for LT and GT is contradictory. In addition, testing BIO is mu-
tually exclusive to testing TC. The CC instruction operates like the CALL in-
struction if all conditions are true.
Words
2
Cycles for a Single CC Instruction
Condition
ROM
DARAM
SARAM
External
True
4
4
4
4+4p†
False
2
2
2
2+2p
† The processor performs speculative fetching by reading two additional instruction words. If the
PC discontinuity is taken these two instruction words are discarded.
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com