Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 163 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 163 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 159Page - Texas Instruments TMS320F Datasheet HTML 160Page - Texas Instruments TMS320F Datasheet HTML 161Page - Texas Instruments TMS320F Datasheet HTML 162Page - Texas Instruments TMS320F Datasheet HTML 163Page - Texas Instruments TMS320F Datasheet HTML 164Page - Texas Instruments TMS320F Datasheet HTML 165Page - Texas Instruments TMS320F Datasheet HTML 166Page - Texas Instruments TMS320F Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 389 page
background image
Complement Accumulator
CMPL
7-63
Assembly Language Instructions
Syntax
CMPL
Operands
None
Opcode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
0
0
0
0
0
0
0
0
1
1
1
1
1
0
1
Execution
Increment PC, then ...
(ACC)
→ ACC
Status Bits
None
Description
The contents of the accumulator are replaced with its logical inversion (1s
complement). The carry bit is unaffected.
Words
1
Cycles for a Single CMPL Instruction
ROM
DARAM
SARAM
External
1
1
1
1+p
Cycles for a Repeat (RPT) Execution of an CMPL Instruction
ROM
DARAM
SARAM
External
n
n
n
n+p
Example
CMPL
Before Instruction
After Instruction
ACC
X
0F7982513h
ACC
X
0867DAECh
CC
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com