Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 166 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 166 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 162Page - Texas Instruments TMS320F Datasheet HTML 163Page - Texas Instruments TMS320F Datasheet HTML 164Page - Texas Instruments TMS320F Datasheet HTML 165Page - Texas Instruments TMS320F Datasheet HTML 166Page - Texas Instruments TMS320F Datasheet HTML 167Page - Texas Instruments TMS320F Datasheet HTML 168Page - Texas Instruments TMS320F Datasheet HTML 169Page - Texas Instruments TMS320F Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 389 page
background image
DMOV
Data Move in Data Memory
7-66
Cycles for a Single DMOV Instruction
Program
Operand
ROM
DARAM
SARAM
External
DARAM
1
1
1
1+p
SARAM
1
1
1, 3†
1+p
External‡
2+2d
2+2d
2+2d
5+2d+p
† If the operand and the code are in the same SARAM block
‡ If used on external memory, DMOV reads the specified memory location but performs no
operations.
Cycles for a Repeat (RPT) Execution of a DMOV Instruction
Program
Operand
ROM
DARAM
SARAM
External
DARAM
n
n
n
n+p
SARAM
2n–2
2n–2
2n–2, 2n+1†
2n–2+p
External‡
4n–2+2nd
4n–2+2nd
4n–2+2nd
4n+1+2nd+p
† If the operand and the code are in the same SARAM block
‡ If used on external memory, DMOV reads the specified memory location but performs no
operations.
Example 1
DMOV
DAT8
;(DP = 6)
Before Instruction
After Instruction
Data Memory
Data Memory
308h
43h
308h
43h
Data Memory
Data Memory
309h
2h
309h
43h
Example 2
DMOV
*,AR1
Before Instruction
After Instruction
ARP
0
ARP
1
AR0
30Ah
AR0
30Ah
Data Memory
Data Memory
30Ah
40h
30Ah
40h
Data Memory
Data Memory
30Bh
41h
30Bh
40h
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com