Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 165 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 165 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 161Page - Texas Instruments TMS320F Datasheet HTML 162Page - Texas Instruments TMS320F Datasheet HTML 163Page - Texas Instruments TMS320F Datasheet HTML 164Page - Texas Instruments TMS320F Datasheet HTML 165Page - Texas Instruments TMS320F Datasheet HTML 166Page - Texas Instruments TMS320F Datasheet HTML 167Page - Texas Instruments TMS320F Datasheet HTML 168Page - Texas Instruments TMS320F Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 389 page
background image
Data Move in Data Memory
DMOV
7-65
Assembly Language Instructions
Syntax
DMOV
dma
Direct addressing
DMOV
ind [, ARn]
Indirect addressing
Operands
dma:
7 LSBs of the data-memory address
n:
Value from 0 to 7 designating the next auxiliary register
ind:
Select one of the following seven options:
*
*+
*–
*0+
*0–
*BR0+
*BR0–
DMOV
dma
15
14
13
12
11
10
987
6543
210
0
1
1
1
0
1
1
1
0
dma
DMOV
ind [, ARn]
15
14
13
12
11
10
987
6543
210
0
1
1
1
0
1
1
1
1
ARU
N
NAR
Note:
ARU, N, and NAR are defined in section 6.3,
Indirect Addressing Mode (page 6-9).
Execution
Increment PC, then ...
(data-memory address)
→ data-memory address + 1
Status Bits
Affected by
CNF
Description
The contents of the specified data-memory address are copied into the con-
tents of the next higher address. When data is copied from the addressed loca-
tion to the next higher location, the contents of the addressed location remain
unaltered.
DMOV works only within on-chip data DARAM blocks. It works within any con-
figurable RAM block if that block is configured as data memory. In addition, the
data move function is continuous across block boundaries. The data move
function cannot be performed on external data memory. If the instruction spec-
ifies an external memory address, DMOV reads the specified memory location
but performs
no operations.
The data move function is useful in implementing the z–1 delay encountered
in digital signal processing. The DMOV function is a subtask of the LTD and
MACD instructions (see the LTD and MACD instructions for more information).
Words
1
Opcode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com