Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 168 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 168 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 164Page - Texas Instruments TMS320F Datasheet HTML 165Page - Texas Instruments TMS320F Datasheet HTML 166Page - Texas Instruments TMS320F Datasheet HTML 167Page - Texas Instruments TMS320F Datasheet HTML 168Page - Texas Instruments TMS320F Datasheet HTML 169Page - Texas Instruments TMS320F Datasheet HTML 170Page - Texas Instruments TMS320F Datasheet HTML 171Page - Texas Instruments TMS320F Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 389 page
background image
IN
Input Data From Port
7-68
Syntax
IN
dma, PA
Direct addressing
IN
ind, PA [, ARn]
Indirect addressing
Operands
dma:
7 LSBs of the data-memory address
n:
Value from 0 to 7 designating the next auxiliary register
PA:
16-bit I/O port or I/O-mapped register address
ind:
Select one of the following seven options:
*
*+
*–
*0+
*0–
*BR0+
*BR0–
IN
dma , PA
15
14
13
12
11
10
987
6543
210
1
0
1
0
1
1
1
1
0
dma
PA
IN
ind ,PA [,ARn]
15
14
13
12
11
10
987
6543
210
1
0
1
0
1
1
1
1
1
ARU
N
NAR
PA
Note:
ARU, N, and NAR are defined in section 6.3,
Indirect Addressing Mode (page 6-9).
Execution
Increment PC, then ...
PA
→ address bus lines A15–A0
Data bus lines D15–D0
→ data-memory address
(PA)
→ data-memory address
Status Bits
None
Description
The IN instruction reads a 16-bit value from an I/O location into the specified
data-memory location. The IS line goes low to indicate an I/O access. The
STRB, RD, and READY timings are the same as for an external data-memory
read.
The repeat (RPT) instruction can be used with the IN instruction to read in con-
secutive words from I/O space to data space.
Words
2
Opcode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com