Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 164 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 164 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 160Page - Texas Instruments TMS320F Datasheet HTML 161Page - Texas Instruments TMS320F Datasheet HTML 162Page - Texas Instruments TMS320F Datasheet HTML 163Page - Texas Instruments TMS320F Datasheet HTML 164Page - Texas Instruments TMS320F Datasheet HTML 165Page - Texas Instruments TMS320F Datasheet HTML 166Page - Texas Instruments TMS320F Datasheet HTML 167Page - Texas Instruments TMS320F Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 389 page
background image
CMPR
Compare Auxiliary Register With AR0
7-64
Syntax
CMPR
CM
Operands
CM:
Value from 0 to 3
Opcode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
CM
1
0
0
0
1
0
1
1
1
1
1
1
0
1
Execution
Increment PC, then ...
Compare (current AR) to (AR0) and place the result in the TC bit of status
register ST1.
Status Bits
Affects
TC
This instruction is not affected by SXM. It does not affect SXM.
Description
The CMPR instruction performs a comparison specified by the value of CM:
If CM = 00, test whether (current AR) = (AR0)
If CM = 01, test whether (current AR) < (AR0)
If CM = 10, test whether (current AR) > (AR0)
If CM = 11, test whether (current AR)
≠ (AR0)
If the condition is true, the TC bit is set to 1. If the condition is false, the TC bit
is cleared to 0.
Note that the auxiliary register values are treated as unsigned integers in the
comparisons.
Words
1
Cycles for a Single CMPR Instruction
ROM
DARAM
SARAM
External
1
1
1
1+p
Cycles for a Repeat (RPT) Execution of an CMPR Instruction
ROM
DARAM
SARAM
External
n
n
n
n+p
Example
CMPR
2
;(current AR) > (AR0)?
Before Instruction
After Instruction
ARP
4
ARP
4
AR0
0FFFFh
AR0
0FFFFh
AR4
7FFFh
AR4
7FFFh
TC
1
TC
0
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com