Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 173 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 173 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 169Page - Texas Instruments TMS320F Datasheet HTML 170Page - Texas Instruments TMS320F Datasheet HTML 171Page - Texas Instruments TMS320F Datasheet HTML 172Page - Texas Instruments TMS320F Datasheet HTML 173Page - Texas Instruments TMS320F Datasheet HTML 174Page - Texas Instruments TMS320F Datasheet HTML 175Page - Texas Instruments TMS320F Datasheet HTML 176Page - Texas Instruments TMS320F Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 389 page
background image
Load Accumulator With Shift
LACC
7-73
Assembly Language Instructions
Example 1
LACC
6,4
;(DP = 8: addresses 0400h–047Fh,
;SXM = 0)
Before Instruction
After Instruction
Data Memory
Data Memory
406h
01h
406h
01h
ACC
X
012345678h
ACC
X
10h
CC
Example 2
LACC
*,4
;(SXM = 0)
Before Instruction
After Instruction
ARP
2
ARP
2
AR2
0300h
AR2
0300h
Data Memory
Data Memory
300h
0FFh
300h
0FFh
ACC
X
12345678h
ACC
X
0FF0h
CC
Example 3
LACC
#0F000h,1 ;(SXM = 1)
Before Instruction
After Instruction
ACC
X
012345678h
ACC
X
FFFFE000h
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com