Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 182 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 182 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 178Page - Texas Instruments TMS320F Datasheet HTML 179Page - Texas Instruments TMS320F Datasheet HTML 180Page - Texas Instruments TMS320F Datasheet HTML 181Page - Texas Instruments TMS320F Datasheet HTML 182Page - Texas Instruments TMS320F Datasheet HTML 183Page - Texas Instruments TMS320F Datasheet HTML 184Page - Texas Instruments TMS320F Datasheet HTML 185Page - Texas Instruments TMS320F Datasheet HTML 186Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 389 page
background image
LDP
Load Data Page Pointer
7-82
Syntax
LDP
dma
Direct addressing
LDP
ind [, ARn]
Indirect addressing
LDP #
k
Short immediate
addressing
Operands
dma:
7 LSBs of the data-memory address
n:
Value from 0 to 7 designating the next auxiliary register
k:
9-bit short immediate value
ind:
Select one of the following seven options:
*
*+
*–
*0+
*0–
*BR0+
*BR0–
LDP
dma
15
14
13
12
11
10
987
6543
210
0
0
0
0
1
1
0
1
0
dma
LDP
ind [, ARn]
15
14
13
12
11
10
987
6543
210
0
0
0
0
1
1
0
1
1
ARU
N
NAR
Note:
ARU, N, and NAR are defined in section 6.3,
Indirect Addressing Mode (page 6-9).
LDP #
k
15
14
13
12
11
10
987
6543
210
1
0
1
1
1
1
0
k
Execution
Increment PC, then ...
Event
Addressing mode
Nine LSBs of (data-memory address)
→ DP
Direct or indirect
k
→ DP
Short immediate
Status Bits
Affects
DP
Description
The nine LSBs of the contents of the addressed data-memory location or a
9-bit immediate value is loaded into the data page pointer (DP) of status regis-
ter ST0. The DP can also be loaded by the LST instruction.
In direct addressing, the 9-bit DP and the 7-bit value specified in the instruction
(dma) are concatenated to form the 16-bit data-memory address accessed by
the instruction. The DP provides the 9 MSBs, and dma provides the 7 LSBs.
Words
1
Opcode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com