Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 210 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 210 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 206Page - Texas Instruments TMS320F Datasheet HTML 207Page - Texas Instruments TMS320F Datasheet HTML 208Page - Texas Instruments TMS320F Datasheet HTML 209Page - Texas Instruments TMS320F Datasheet HTML 210Page - Texas Instruments TMS320F Datasheet HTML 211Page - Texas Instruments TMS320F Datasheet HTML 212Page - Texas Instruments TMS320F Datasheet HTML 213Page - Texas Instruments TMS320F Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 389 page
background image
MAR
Modify Auxiliary Register
7-110
Syntax
MAR
dma
Direct addressing
MAR
ind [, ARn]
Indirect addressing
Operands
n:
Value from 0 to 7 designating the next auxiliary register
ind:
Select one of the following seven options:
*
*+
*–
*0+
*0–
*BR0+
*BR0–
MAR
dma
15
14
13
12
11
10
987
6543
210
1
0
0
0
1
0
1
1
0
dma
MAR
ind [, ARn]
15
14
13
12
11
10
987
6543
210
1
0
0
0
1
0
1
1
1
ARU
N
NAR
Note:
ARU, N, and NAR are defined in section 6.3,
Indirect Addressing Mode (page 6-9).
Execution
Event(s)
Addressing mode
Increment PC
Direct
Increment PC
Indirect
Modify (current AR) and (ARP) as specified
Status Bits
Affects
Addressing mode
None
Direct
ARP and ARB
Indirect
Description
In the direct addressing mode, the MAR instruction acts as a NOP instruction.
In the indirect addressing mode, an auxiliary register value and the ARP value
can be modified; however, the memory being referenced is not used. When
MAR modifies the ARP value, the old ARP value is copied to the ARB field of
ST1. Any operation that MAR performs with indirect addressing can also be
performed with any instruction that supports indirect addressing. The ARP can
also be loaded by an LST instruction.
The LARP instruction from the ’C25 instruction set is a subset of MAR. For ex-
ample, MAR *, AR4 performs the same function as LARP 4, which loads the
ARP with 4.
For loading an auxiliary register, see the description for the LAR instruction.
For storing an auxiliary register value to data memory, see the SAR instruction.
Opcode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com