Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 208 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 208 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 204Page - Texas Instruments TMS320F Datasheet HTML 205Page - Texas Instruments TMS320F Datasheet HTML 206Page - Texas Instruments TMS320F Datasheet HTML 207Page - Texas Instruments TMS320F Datasheet HTML 208Page - Texas Instruments TMS320F Datasheet HTML 209Page - Texas Instruments TMS320F Datasheet HTML 210Page - Texas Instruments TMS320F Datasheet HTML 211Page - Texas Instruments TMS320F Datasheet HTML 212Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 389 page
background image
MACD
Multiply and Accumulate With Data Move
7-108
Cycles for a Repeat (RPT) Execution of an MACD Instruction (Continued)
Operand
External
SARAM
DARAM
ROM
Operand 1: External
Operand 2: DARAM
n+2+npop1
n+2+npop1
n+2+npop1
n+2+npop1+2pcode
Operand 1: DARAM/
ROM
Operand 2: SARAM
2n
2n
2n
2n+2†
2n+2pcode
Operand 1: SARAM
Operand 2: SARAM
2n
3n‡
2n
3n‡
2n
2n+2†
3n‡
3n+2§
2n+2pcode
3n‡
Operand 1: External
Operand 2: SARAM
2n+npop1
2n+npop1
2n+npop1
2n+2+npop1†
2n+npop1+2pcode
Operand 1: DARAM/
ROM
Operand 2: External¶
n+2+ndop2
n+2+ndop2
n+2+ndop2
n+2+ndop2+2pcode
Operand 1: SARAM
Operand 2: External¶
n+2+ndop2
n+2+ndop2
n+2+ndop2
n+2+ndop2+2pcode
Operand 1: External
Operand 2: External¶
2n+2+npop1+
ndop2
2n+2+npop1+ndop2 2n+2+npop1+ndop2
2n+2+npop1+ndop2+
2pcode
† If operand 2 and code are in the same SARAM block
‡ If both operands are in the same SARAM block
§ If both operands and code are in the same SARAM block
¶ Data move operation is not performed when operand2 is in external data memory.
Example 1
MACD
0FF00h,08h
;(DP = 6: addresses 0300h–037Fh,
;PM = 0: no shift of product,
;CNF = 1: RAM B0 configured to
;program memory).
Before Instruction
After Instruction
Data Memory
Data Memory
308h
23h
308h
23h
Data Memory
Data Memory
309h
18h
309h
23h
Program Memory
Program Memory
FF00h
4h
FF00h
4h
TREG
45h
TREG
23h
PREG
458972h
PREG
8Ch
ACC
X
723EC41h
ACC
0
76975B3h
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com