Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 204 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 204 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 200Page - Texas Instruments TMS320F Datasheet HTML 201Page - Texas Instruments TMS320F Datasheet HTML 202Page - Texas Instruments TMS320F Datasheet HTML 203Page - Texas Instruments TMS320F Datasheet HTML 204Page - Texas Instruments TMS320F Datasheet HTML 205Page - Texas Instruments TMS320F Datasheet HTML 206Page - Texas Instruments TMS320F Datasheet HTML 207Page - Texas Instruments TMS320F Datasheet HTML 208Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 389 page
background image
MAC
Multiply and Accumulate
7-104
Cycles for a Repeat (RPT) Execution of an MAC Instruction (Continued)
Operand
External
SARAM
DARAM
ROM
Operand 1: DARAM/
ROM
Operand 2: SARAM
n+2
n+2
n+2
n+2+2pcode
Operand 1: SARAM
Operand 2: SARAM
n+2
2n+2†
n+2
2n+2†
n+2
2n+2†
n+2+2pcode
2n+2†
Operand 1: External
Operand 2: SARAM
n+2+npop1
n+2+npop1
n+2+npop1
n+2+npop1+2pcode
Operand 1: DARAM/
ROM
Operand 2: External
n+2+ndop2
n+2+ndop2
n+2+ndop2
n+2+ndop2+2pcode
Operand 1: SARAM
Operand 2: External
n+2+ndop2
n+2+ndop2
n+2+ndop2
n+2+ndop2+2pcode
Operand 1: External
Operand 2: External
2n+2+npop1+
ndop2
2n+2+npop1+ndop2 2n+2+npop1+ndop2
2n+2+npop1+ndop2+
2pcode
† If both operands are in the same SARAM block
Example 1
MAC
0FF00h,02h
;(DP = 6, PM = 0, CNF = 1)
Before Instruction
After Instruction
Data Memory
Data Memory
302h
23h
302h
23h
Program Memory
Program Memory
FF00h
4h
FF00h
4h
TREG
45h
TREG
23h
PREG
458972h
PREG
08Ch
ACC
X
723EC41h
ACC
0
76975B3h
CC
Example 2
MAC
0FF00h,*,AR5
;(PM = 0, CNF = 1)
Before Instruction
After Instruction
ARP
4
ARP
5
AR4
302h
AR4
302h
Data Memory
Data Memory
302h
23h
302h
23h
Program Memory
Program Memory
FF00h
4h
FF00h
4h
TREG
45h
TREG
23h
PREG
458972h
PREG
8Ch
ACC
X
723EC41h
ACC
0
76975B3h
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com