Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 200 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 200 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 196Page - Texas Instruments TMS320F Datasheet HTML 197Page - Texas Instruments TMS320F Datasheet HTML 198Page - Texas Instruments TMS320F Datasheet HTML 199Page - Texas Instruments TMS320F Datasheet HTML 200Page - Texas Instruments TMS320F Datasheet HTML 201Page - Texas Instruments TMS320F Datasheet HTML 202Page - Texas Instruments TMS320F Datasheet HTML 203Page - Texas Instruments TMS320F Datasheet HTML 204Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 389 page
background image
LTS
Load TREG and Subtract Previous Product
7-100
Cycles for a Repeat (RPT) Execution of an LTS Instruction
Program
Operand
ROM
DARAM
SARAM
External
DARAM
n
n
n
n+p
SARAM
n
n
n, n+1†
n+p
External
n+nd
n+nd
n+nd
n+1+p+nd
† If the operand and the code are in the same SARAM block
Example 1
LTS
DAT36
;(DP = 6: addresses 0300h–037Fh,
;PM = 0: no shift of product)
Before Instruction
After Instruction
Data Memory
Data Memory
324h
62h
324h
62h
TREG
3h
TREG
62h
PREG
0Fh
PREG
0Fh
ACC
X
05h
ACC
0
0FFFFFFF6h
CC
Example 2
LTS
*,AR2
;(PM = 0)
Before Instruction
After Instruction
ARP
1
ARP
2
AR1
324h
AR1
324h
324h
62h
324h
62h
TREG
3h
TREG
62h
PREG
0Fh
PREG
0Fh
ACC
X
05h
ACC
0
0FFFFFFF6h
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com